Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6116 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6116
Description  CMOS 2Kx8-Bit SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6116 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6116 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
8~1,
23, 22, 19
A0~A7
A8, A9, A10
I
Address inputs
9~11
13~17
D0~D2
D3~D7
I/O
Data inputs and outputs
12
VSS
I
Negative power supply, usually connected to the ground
18
CS
I
Chip select signal pin
When this signal is high, the chip is in the standby mode. The
chip is in the active mode, if CS is low.
20
OE
I
Output enable signal pin
21
WE
I
Write enable signal pin
24
VDD
I
Positive power supply
Absolute Maximum Ratings*
Supply Voltage ............................–0.3V to +7.0V
Storage Temperature...............–50
°C to +125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature.............–40
°C to +85°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
D.C. Characteristics
(Ta=25°C)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
5.0
5.5
V
ILI
Input Leakage Current
5V
VIN=0 to VDD
—0.1
10
µA
ILO
Output Leakage Current
5V
VO=0 to VDD
—0.1
10
µA
IDD
Operating Current
5V
VIH=2.2V, VIL=0.8V
In write mode, tWC=1
µs.
—45
90
mA
5V
VIH=2.2V, VIL=0.8V
In read mode, tRC=1
µs.
—80
90
mA
ISTB
Standby Current
5V
VIH=2.2V, VIL=0.8V
(TTL Input)
—
0.8
1.5
mA
5V
VIH=4.8V, VIL=0.2V
(CMOS Input)
—0.1
3
µA
HT6116-70
2
3rd July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com