Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6116 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6116
Description  CMOS 2Kx8-Bit SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6116 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6116 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6116 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VIH
Input Voltage
5V
—
2.2
2
5.3
V
VIL
5V
–0.3
0.2
0.8
V
IOH
Output Source Current
5V
VOH=4.5V
–1.2
–6.2
—
mA
IOL
Output Sink Current
5V
VOL=0.5V
4.8
14.5
—
mA
A.C. Test Conditions
Item
Condition
Input pulse high level
VIH=3V
Input pulse low level
VIL=0V
Input and output reference level
1.5V
Output load
See Figures below
HT6116-70
3
3rd July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com