Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6116 Datasheet (PDF) - Holtek Semiconductor Inc

HT6116 Datasheet PDF - Holtek Semiconductor Inc
Part # HT6116
Download  HT6116 Download
File Size   305.23 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 2Kx8-Bit SRAM

HT6116 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6116 Datasheet PDF - Holtek Semiconductor Inc

Part # HT6116
Download  HT6116 Click to download

File Size   305.23 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 2Kx8-Bit SRAM

HT6116 Datasheet (HTML) - Holtek Semiconductor Inc


HT6116 Product details

General Description

The HT6116-70 is a 16384-bit static random access memory. It is organized with 2048 words of 8 bits in length, and operates with a single 5V power supply. The IC is built with a high performance CMOS 0.8µm process in order to obtain a low standby current and high reliability.

The IC contains six-transistor full CMOS memory cells and TTL compatible inputs and outputs, which are easily interface with common system bus structures. The Data bus of the HT6116-70 is designed as a tri-state type. The IC is in the standby mode if the CS pin is set to “high”.



Features

• Single 5V power supply

• Low power consumption

   – Operating: 400mW (Typ.)

   – Standby: 5µW (Typ.)

• 70ns (Max.) high speed access time

• Power down by pin CS

• TTL compatible interface levels

• Fully static operation

• Memory expansion by pin OE

• Common I/O using tri-state outputs

• Pin-compatible with standard 2K×8 bits of EPROM/MASK ROM

• 24-pin DIP/SDIP/SOP package



 




Similar Part No. - HT6116

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT611 HOLTEK-HT611 Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
More results


Similar Description - HT6116

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
128K X 8 BIT CMOS SRAM
logo
Hynix Semiconductor
HY6264 HYNIX-HY6264 Datasheet
578Kb / 11P
8KX8-Bit CMOS SRAM
HY6264A HYNIX-HY6264A Datasheet
492Kb / 6P
8KX8-Bit CMOS SRAM
HY62C256 HYNIX-HY62C256 Datasheet
376Kb / 11P
32K x 8-BIT CMOS SRAM
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
CMOS SRAM 256K-BIT(32KX8)
logo
fujitsu semiconductor
MB8421 FUJITSU-MB8421 Datasheet
612Kb / 14P
CMOS 16K-BIT DUAL-PORT SRAM
logo
AMIC Technology
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
128K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com