Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP174
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP174 Datasheet HTML 12Page - Monolithic Power Systems MP174 Datasheet HTML 13Page - Monolithic Power Systems MP174 Datasheet HTML 14Page - Monolithic Power Systems MP174 Datasheet HTML 15Page - Monolithic Power Systems MP174 Datasheet HTML 16Page - Monolithic Power Systems MP174 Datasheet HTML 17Page - Monolithic Power Systems MP174 Datasheet HTML 18Page - Monolithic Power Systems MP174 Datasheet HTML 19Page - Monolithic Power Systems MP174 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
16
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Estimate the output voltage
ripple as:
CCM _ ripple
ESR
so
i
Vi R
8f C
  
, for CCM
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I





, for DCM
It is recommended to use ceramic, tantalum or
low ESR electrolytic capacitors to reduce the
output voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Appropriate R1 and R2 values should be
chosen to maintain VFB at 2.55V. R2 is typically
5kΩ to 10kΩ, avoid large R2 value.
Feedback Capacitor
The feedback capacitor provides a sample and
hold function. Small capacitors result in poor
regulation at light loads, and large capacitors
affect the circuit operation. Roughly estimate an
optimal capacitor value using the following
equation:
oo
oo
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I


Dummy Load
A dummy load is required to maintain the load
regulation. This ensures sufficient inductor
energy to charge the sample and hold capacitor
to detect the output voltage. Normally a 3mA
dummy load is needed and can be adjusted
according to the regulated voltage. It is a
compromise between small no load consumption
and good no load regulation, especially for
applications require 30mW no load consumption.
Use a zener to reduce no-load consumption if no-
load regulation is not a concern.
Auxiliary VCC Supply
MP174
VCC
FB
SOURCE
SOURCE
C3
R1
R2
D2
C4
L1
VOUT
R3 D3
Figure 8: Auxiliary VCC Supply Circuit
For VO above 7V applications, MP174 can
achieve the 30mW no-load power requirement. In
order to do this, chip requires an external VCC
supply to reduce overall power consumption.
This auxiliary VCC supply is derived from the
resistor connected between C3 and C4. C4
should be set larger than recommendation above.
D3 is used in case that VCC interfere with FB, R3
is determined per the formula below.
o
S
V5.8V
R
I
 
Where IS is the VCC consumption under no load
condition. R should be adjusted to meet the
actual IS, because it varies in different application.
In a particular configuration, IS is measured as
about 250uA.
Surge Performance
Appropriate input capacitor value should be
chosen to obtain a good surge performance.
Figure 9 shows the half-wave rectifier. Table 2
shows the capacitance required under normal
condition for different surge voltages. FR1 is
20Ω/2W fused resistor and L1 is 1mH for this
recommendation.
L1
C1
C2
N
L
FR1
Figure 9: Half-Wave Rectifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com