Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP174
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP174 Datasheet HTML 7Page - Monolithic Power Systems MP174 Datasheet HTML 8Page - Monolithic Power Systems MP174 Datasheet HTML 9Page - Monolithic Power Systems MP174 Datasheet HTML 10Page - Monolithic Power Systems MP174 Datasheet HTML 11Page - Monolithic Power Systems MP174 Datasheet HTML 12Page - Monolithic Power Systems MP174 Datasheet HTML 13Page - Monolithic Power Systems MP174 Datasheet HTML 14Page - Monolithic Power Systems MP174 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
11
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
MP174 is a green-mode-operation regulator: the
peak current and the switching frequency both
decrease with a decreasing load. As a result, it
offers
excellent
light-load
efficiency,
and
improves
average
efficiency.
The
typical
application diagram shows the regulator operates
with a minimum number of external components.
It incorporates multiple features as described in
the following sections.
Start-Up and Under-Voltage Lockout
The internal high-voltage regulator self-supplies
the IC from the Drain pin. When VCC voltage
reaches 5.6V, the IC starts switching and the
internal high voltage regulator turns off. The
internal high-voltage regulator turns on to charge
the external VCC capacitor when the VCC
voltage falls below 5.3V. A small capacitor (in the
low μF range) can maintain the VCC voltage and
thus lower the capacitor cost.
The IC stops switching when the VCC voltage
drops blow 3.4V.
Under fault conditions—such as OLP, SCP, and
OTP—the IC stops switching and an internal
current source (~16μA) discharges the VCC
capacitor. The internal high-voltage regulator will
not charge the VCC capacitor until the VCC
voltage drops below 2.4V. The restart time can
be estimated using the following equation,

CC
restart
VCC
VCC
V2.4V
5.6V 2.4V
CC
16 A
4.1mA
Soft-Start
The IC stops operation when VCC voltage drops
blow 3.4V and starts operation when VCC
charges to 5.6V. Every time when the chip starts
operation there is a Soft-Start period. The soft-
start
prevents
the
inductor
current
from
overshooting by limiting the minimum off time.
MP174 adopts a 2 phase minimum off-time limit
soft-start. Each Soft-Start phase retains 128
switching cycles. During soft-start, off time limit
gradually shortens from 48μs to 24μs, and finally
to the 12μs normal operation off-time limit (see
Figure 2Error! Reference source not found.).
128 Switching cycle
48us
128 Switching cycle
24us
12us
Driver
Figure 2:
min off
at Start-Up
Constant Voltage Operation
MP174 acts as a fully-integrated regulator when
used in the Buck topology, as shown in the
typical application on page1.
It regulates the output voltage by monitoring the
sampling capacitor.
At the beginning of each cycle, the integrated
MOSFET turns on while the feedback voltage
drops below the 2.55V reference voltage, which
indicates insufficient output voltage. The peak
current limitation determines the ON period. After
the ON period elapses, the integrated MOSFET
turns off. Sampling capacitor (C3) voltage is
charged to the output voltage, when the
freewheeling diode (D1) turns on. In this way, the
sampling capacitor (C3) samples and holds the
output
voltage
for
output
regulation.
The
sampling capacitor (C3) voltage decreases when
the L1 inductor current falls below the output
current. When the feedback voltage falls below
the 2.55V reference voltage, a new switching
cycle begins. Figure 3 shows this operation
under CCM in detail.
MOSFET
Diode
I
L
Ipeak
Io
Vo
VFB
2.55V
Figure 3: VFB vs. VO
Use the following equation to determine the
output voltage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com