Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP174
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP174 Datasheet HTML 1Page - Monolithic Power Systems MP174 Datasheet HTML 2Page - Monolithic Power Systems MP174 Datasheet HTML 3Page - Monolithic Power Systems MP174 Datasheet HTML 4Page - Monolithic Power Systems MP174 Datasheet HTML 5Page - Monolithic Power Systems MP174 Datasheet HTML 6Page - Monolithic Power Systems MP174 Datasheet HTML 7Page - Monolithic Power Systems MP174 Datasheet HTML 8Page - Monolithic Power Systems MP174 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP174
700V Non-Isolated Off-Line Regulator,
Up to 400mA Output Current
MP174 Rev. 1.01
www.MonolithicPower.com
1
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP174 is a primary-side regulator that provides
accurate constant voltage (CV) regulation
without opto-coupler. It supports Buck, Buck-
Boost, Boost and Flyback topologies. It has an
integrated 700V MOSFET to simplify the
structure and reduce costs. These features
make it an ideal regulator for off-line low power
applications, such as home appliances and
standby power.
MP174 is a green-mode-operation regulator.
Both the peak current and switching frequency
decrease as the load decreases. This feature
provides excellent efficiency at light load, and
improves the overall average efficiency.
MP174 features various protections, including
thermal shutdown (OTP), VCC under-voltage
lockout (UVLO), overload protection (OLP),
short-circuit protection (SCP), and open loop
protection.
MP174 is available in small TSOT23-5 package
and SOIC8 package.
FEATURES
 Primary-side CV control, supporting Buck,
Buck-Boost, Boost and Flyback topologies
 Integrated 700V/13.5Ω MOSFET and
current source
 <30mW no-load power consumption
 Up to 5W output power
 Maximum DCM output current less than
250mA
 Maximum CCM output current less than
400mA
 Low VCC Operating Current
 Frequency foldback
 Limited maximum frequency
 Peak-current compression
 Internally biased VCC
 OTP, UVLO, OLP, SCP, open loop
protection
APPLICATIONS
Home appliances, white goods and
consumer electronics
Industrial controls
Standby power
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP174

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
MP1740 MPS-MP1740 Datasheet
238Kb / 6P
3W High Efficiency Mono Class-D Audio Amplifer EV Board
MP1740EC MPS-MP1740EC Datasheet
311Kb / 11P
3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
saftbatteries
MP174565 SAFT-MP174565 Datasheet
717Kb / 2P
High performance Medium Prismatic cell
logo
MPS Industries, Inc.
MP174A MPSIND-MP174A Datasheet
826Kb / 23P
700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
Rev. 1.0 2/27/2019
More results

Similar Description - MP174

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK111 MSK-MSK111_15 Datasheet
162Kb / 6P
High Output Current: 400mA
logo
Monolithic Power System...
MP163 MPS-MP163 Datasheet
813Kb / 23P
700V, Non-Isolated, Offline Regulator with Integrated LDO
MP171 MPS-MP171 Datasheet
516Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 60 mA Output Current
MP172 MPS-MP172 Datasheet
519Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 120 mA Output Current
MP173 MPS-MP173 Datasheet
539Kb / 20P
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
EV163-S-00A MPS-EV163-S-00A Datasheet
1Mb / 12P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
EV163-SE-00A MPS-EV163-SE-00A Datasheet
263Kb / 7P
Universal Input, Dual Output Non-Isolated Off-Line Regulator Evaluation Board
EV171-J-00A MPS-EV171-J-00A Datasheet
271Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV171-S-00A MPS-EV171-S-00A Datasheet
283Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
logo
MPS Industries, Inc.
MP174A MPSIND-MP174A Datasheet
826Kb / 23P
700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
Rev. 1.0 2/27/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com