Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2935 Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems MP2935 Datasheet HTML 36Page - Monolithic Power Systems MP2935 Datasheet HTML 37Page - Monolithic Power Systems MP2935 Datasheet HTML 38Page - Monolithic Power Systems MP2935 Datasheet HTML 39Page - Monolithic Power Systems MP2935 Datasheet HTML 40Page - Monolithic Power Systems MP2935 Datasheet HTML 41Page - Monolithic Power Systems MP2935 Datasheet HTML 42Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
39
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
VID code is within 10mV or 1 VID step from the
target voltage. DVID is the enable signal of
VRSETTLE comparator. The sensed output
voltage is compared to the DAC output to
determine VRSETTLE signal when the DVID is
asserted.
SVID Address
To support multiple MP2935 used on the same
SVID bus, use the ADDR pin to program the
SVID address for each MP2935. There is a 10μA
current on the ADDR pin; connect a resistor from
ADDR pin to ground to set the ADDR voltage.
The internal ADC converts the pin voltage to set
the SVID address. Table 6 shows the SVID
address for different resistor values from ADDR
pin to ground.
Address 0xE and 0xF are reserved as an “All
Call” address used for the CPU to communicate
with all slave devices on the bus.
Table 6: SVID Address vs ADDR Resistor
RADDR (kΩ)
Address (HEX)
0
0x0
11.8
0x1
19.6
0x2
28
0x3
35.7
0x4
44.2
0x5
51.1
0x6
59
0x7
68.1
0x8
80.6
0x9
88.7
0xA
95.3
0xB
105
0xC
133
0xD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com