Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2935 Datasheet(PDF) 40 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 40 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 34Page - Monolithic Power Systems MP2935 Datasheet HTML 35Page - Monolithic Power Systems MP2935 Datasheet HTML 36Page - Monolithic Power Systems MP2935 Datasheet HTML 37Page - Monolithic Power Systems MP2935 Datasheet HTML 38Page - Monolithic Power Systems MP2935 Datasheet HTML 39Page - Monolithic Power Systems MP2935 Datasheet HTML 40Page - Monolithic Power Systems MP2935 Datasheet HTML 41Page - Monolithic Power Systems MP2935 Datasheet HTML 42Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
40
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
SVID COMMANDS
Table 7: Supported SVID Commands
Command
Master
Payload
Contents
Salve
Payload
Contents
Descriptions
01h
SetVID-Fast
Individual
Address and All
Call Address
VID code
N/A
Set the new VID target. VR transitions to new a VID
target at a controlled (up or down) slew rate programmed
by the VR. When VR receives a VID moving-up
command, it exits all low-power states to the normal state
to ensure the fastest slew rate to the new VR.
02h
SetVID-Slow
Individual
Address and All
Call Address
VID code
N/A
Set the VID target. VR transitions to new a VID target at a
controlled slew rate (up or down) programmed by the VR.
SetVID-Slow is 4x slower than SetVID-Fast. When VR
receives a VID moving-up command it exits all low power
states to the normal state to ensure a slow slew rate to
the new VR.
03h
SetVID-Decay
Individual
ADDRESs and
All
Call Address
VID code
N/A
Sets the VID target, VR transitions to new the VID target,
but does not control the slew rate; the output voltage
decays at a rate proportional to the load current.
SetVID_Decay is only used when VID is falling. VR sets
VR_settled bit, but Alert line is not
04h
SetPS
Individual
Address and All
Call Address
Byte
indicating
power
status of
CPU
N/A
Sends information to VR controller so it can configure VR
to improve efficiency, especially at light load
05h
SetRegADR
Individual
Address Only.
NAK All Call
Address
Address of
the index in
the data
table
N/A
Sets the address pointer in the data register table.
Typically the next command, SetRegDAT, gets loaded
into this address. However for multiple writes to the same
address, use only one SetRegADR.
06h
SetRegDAT
Individual
Address Only.
NAK All Call
Address
New data
register
contents
N/A
Writes the contents to the data register that was
previously identified by the address pointer with
SetRegADR.
07h
GetReg
Individual
Address Only.
NAK All Call
Address
Define
which
register
Specified
register
contents
Slave returns the contents of the specified register as the
payload. See Table 8 for list of registers The majority of
the VR monitoring data is accessed through the GetReg
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com