Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2935 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems MP2935 Datasheet HTML 14Page - Monolithic Power Systems MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems MP2935 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
13
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PWM Operation and Power States
The user can select the total number of operating
phases for MP2935, as described in “Switching
Frequency and the Number of Operating
Phases.” Based on the power states, the actual
operating phase dynamically switches between
full phases or single phase to optimize the power
conversion efficiency at heavy and light CPU
loads.
In PS0, MP2935 runs in full-phase PWM mode.
While in light-load mode, PS1 to PS3, only Phase
1 is in operation to maximize power conversion
efficiency. During the dynamic VID transition
issued by SVID commands of either SetVID_Fast
or SetVID_Slow, the power state changes to PS0
by default and runs in full-phase PWM mode.
In addition to changing the number of phases,
the operation mode can change dynamically. In
PS0 mode, MP2935 runs in multiphase PWM
mode with switching frequency controlled by the
master clock. In other power states, MP2935
switches to AAM mode where the switching
frequency is no longer controlled by the master
clock, but by the ripple voltage on the COMP pin.
Thus, the switch frequency varies with the load
current, resulting in maximum power conversion
efficiency in low power states.
In PS2 and PS3, diode emulation mode is
enabled to maximize the efficiency at light load
condition.
The VR will switch back to AAM mode if the over
current alarm is clear before latch-off.
Table 1 summarizes the dynamically changes to
phase number and operation modes based on
the power state register set through SVID
commands.
The power states are listed in order of power
savings:
•
PS0 represents full power or Active mode
•
PS1 is used in Active Mode or Idle Mode and
represents a low current state, similar to PSI#
definition in VR11.1 or IMVP6.5; it typically
has a load < 20A. MP2935 runs in single
phase (PWM1 only) AAM/continuous current
modulation (CCM) mode.
•
PS2 is used in Sleep Mode and it represents
a lower current state than PS1; it typically has
a load < 5A. MP2935 runs in single phase
(PWM1 only) AAM with diode emulation
enabled.
•
PS3 (Mode[1,0]= “11”) is ultra-low current
mode, lower than PS2; it typically has a load
< 1A. MP2935 runs in single phase (PWM1
only) AAM with diode emulation enabled.
Table 1: Phase Number and Operation Modes
Power
State
Operating
Phases
CCM PWM/AAM
0
Full phases
1
PWM
1
1
1
AAM
2
1
0
AAM
3
1
0
AAM
AAM Control Operation and Diode Emulation
With the exception of PS0, all other power states
enable AAM mode and run in single phase
operation. Figure 2 shows typical AAM mode
operation where switching frequency is no longer
controlled by the master clock, but by the ripple
voltage on the COMP pin.
PWM1 is set high when VCOMP reaches the AAM
threshold voltage which is set by two resistors,
from AAM pin to GND and from AAMB pin to
GND.
OUT
MON
AAMB
COMMON
AAM
AAM Threshold Voltage
15400 V
IR
V
R

CS
AAMB
16 R
R
N
OUT
AAM
AAM _ Fraction
15400 V
R
V
AAM_Fraction
6
OUT
L _ PK PK
CS
6
SW
V
V
0.5 I
R
10 10
F3.424 10


VCOMMON is about 1V. VAAM_Fraction is part of the
AAM threshold voltage.
N is the number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com