Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP158
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP158 Datasheet HTML 1Page - Monolithic Power Systems MP158 Datasheet HTML 2Page - Monolithic Power Systems MP158 Datasheet HTML 3Page - Monolithic Power Systems MP158 Datasheet HTML 4Page - Monolithic Power Systems MP158 Datasheet HTML 5Page - Monolithic Power Systems MP158 Datasheet HTML 6Page - Monolithic Power Systems MP158 Datasheet HTML 7Page - Monolithic Power Systems MP158 Datasheet HTML 8Page - Monolithic Power Systems MP158 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
5
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
210
1.740
1.735
1.730
1.725
1.720
212
214
216
218
220
222
224
226
5.80
5.75
5.70
5.65
5.60
5.55
5.50
500
520
540
560
580
600
620
-40 -25 -10 5 20 35 50 65 80 95 110125
-40 -25 -10 5 20 35 50 65 80 95 110125
5.50
5.45
5.40
5.35
5.30
5.25
5.20
-40 -25 -10 5 20 35 50 65 80 95 110125
105
104
103
102
101
100
99
98
97
96
95
-40 -25 -10 5 20 35 50 65 80 95 110125
-40 -25 -10 5 20 35 50 65 80 95 110125
9.2
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10.0
-40 -25 -10 5 20 35 50 65 80 95 110125
2.570
2.565
2.560
2.555
2.550
2.545
2.540
-40 -25 -10 5 20 35 50 65 80 95 110125
-40 -25 -10 5 20 35 50 65 80 95 110125
0
0.4
0.8
1.2
1.6
2
-40 -20
0 25
85 105 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com