Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP158
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP158 Datasheet HTML 1Page - Monolithic Power Systems MP158 Datasheet HTML 2Page - Monolithic Power Systems MP158 Datasheet HTML 3Page - Monolithic Power Systems MP158 Datasheet HTML 4Page - Monolithic Power Systems MP158 Datasheet HTML 5Page - Monolithic Power Systems MP158 Datasheet HTML 6Page - Monolithic Power Systems MP158 Datasheet HTML 7Page - Monolithic Power Systems MP158 Datasheet HTML 8Page - Monolithic Power Systems MP158 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP158
Small, Energy-Efficient, Off-line Regulator
30mW No-Load Power Consumption
MP158 Rev. 1.0
www.MonolithicPower.com
1
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP158 is a primary-side regulator that provides
accurate constant voltage (CV) regulation
without opto-coupler. It supports Buck, Buck-
Boost, Boost and Flyback topologies. It has an
integrated 500V MOSFET to simplify the
structure and reduce costs. These features
make it an ideal regulator for off-line low power
applications, such as home appliances and
standby power.
MP158 is a green-mode-operation regulator.
Both the peak current and switching frequency
decrease as the load decreases. This feature
provides excellent efficiency at light load, thus
improving the overall average efficiency.
MP158 features various protections, including
thermal shutdown (TSD), VCC under-voltage
lockout (UVLO), overload protection (OLP),
short-circuit protection (SCP), and open loop
protection.
MP158 is available in small TSOT23-5 package
and SOIC8 package.
FEATURES
• Primary-side constant voltage (CV) control,
supporting Buck, Buck-Boost, Boost and
Flyback topologies
• Integrated 500V MOSFET and current
source
• <30mW no-load power consumption
• Up to 2W output power
• Maximum DCM output current less than
40mA
• Maximum CCM output current less than
70mA
• Low VCC Operating Current
• Frequency foldback
• Limited maximum frequency
• Peak-current compression
• Internally biased VCC
• Thermal shutdown (auto restart)
• VCC under voltage lockout with hysteresis
• Timer based over-load protection.
• Short-circuit protection
• Open-loop protection
APPLICATIONS
•
Home appliances, white goods and
consumer electronics
•
Industrial controls
•
Standby power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP158

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP1580 MPS-MP1580 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
More results

Similar Description - MP158

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
Recom International Pow...
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
logo
Monolithic Power System...
MP157 MPS-MP157 Datasheet
796Kb / 20P
Smallest Energy Efficient Off-line Regulator with Extended Power Range
MP156 MPS-MP156 Datasheet
588Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com