Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP158 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP158
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP158 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP158 Datasheet HTML 5Page - Monolithic Power Systems MP158 Datasheet HTML 6Page - Monolithic Power Systems MP158 Datasheet HTML 7Page - Monolithic Power Systems MP158 Datasheet HTML 8Page - Monolithic Power Systems MP158 Datasheet HTML 9Page - Monolithic Power Systems MP158 Datasheet HTML 10Page - Monolithic Power Systems MP158 Datasheet HTML 11Page - Monolithic Power Systems MP158 Datasheet HTML 12Page - Monolithic Power Systems MP158 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP158 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP158 Rev. 1.0
www.MonolithicPower.com
9
10/17/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
MP158 is a green-mode-operation regulator: the
peak current and the switching frequency both
decrease with a decreasing load. As a result, it
offers
excellent
light-load
efficiency,
and
improves
average
efficiency.
The
typical
application diagram shows the regulator operates
with
minimum
external
components.
It
incorporates multiple features as described in the
following sections.
Start-Up and Under-Voltage Lockout
The internal high-voltage regulator self-supplies
the IC from Drain pin. When VCC voltage
reaches 5.6V, the IC starts switching and the
internal high voltage regulator turns off. The
internal high-voltage regulator turns on to charge
the external VCC capacitor when the VCC
voltage falls below 5.3V. A small capacitor (in the
low μF range) can maintain the VCC voltage and
thus lower the capacitor cost.
The IC stops operation when VCC voltage drops
blow 3.4V.
Under fault conditions—such as OLP, SCP, and
OTP—the IC stops switching and an internal
current source (~16μA) discharges the VCC
capacitor. The internal high-voltage regulator will
not charge the VCC capacitor until the VCC
voltage drops below 2.4V. The restart time can
be estimated using the following equation,
CC
restart
VCC
VCC
V2.4V
5.6V 2.4V
CC
16 A
3.5mA
−
−
τ=
×
+
×
μ
Figure 2 shows the typical waveforms with VCC
under-voltage lockout.
Figure 2: VCC Under-Voltage Lockout
Soft-Start
The IC stops operation when VCC voltage drops
blow 3.4V and starts operation when VCC
charges to 5.6V. Every time when the chip starts
operation there is a Soft-Start period. The soft-
start
prevents
the
inductor
current
from
overshooting by limiting the minimum off time.
MP158 adopts a 2 phase minimum off-time limit
soft-start. Each soft-start phase retains 128
switching cycles. During soft-start, off-time limit
gradually shortens from 72μs to 22.5μs and
finally to the 9μs normal operation off-time limit
(see Figure 3).
Figure 3:
min off
τ
at Start-Up
Constant Voltage Operation
MP158 acts as a fully-integrated regulator when
used in the Buck topology, as shown in the
typical application on page1.
It regulates the output voltage by monitoring the
sampling capacitor.
At the beginning of each cycle, the integrated
MOSFET turns on while the feedback voltage
drops below the 2.55V reference voltage, which
indicates insufficient output voltage. The peak
current limitation determines the ON period. After
the ON period elapses, the integrated MOSFET
turns off. Sampling capacitor (C3) voltage is
charged to the output voltage when the
freewheeling diode (D1) turns on. In this way, the
sampling capacitor (C3) samples and holds the
output voltage for output regulation. The
sampling capacitor (C3) voltage decreases when
the L1 inductor current falls below the output
current. When the feedback voltage falls below
the 2.55V reference voltage, a new switching
cycle begins. Figure 4 shows this operation
under CCM in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com