Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752GF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP7752GF
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP7752GF Datasheet HTML 2Page - Monolithic Power Systems MP7752GF Datasheet HTML 3Page - Monolithic Power Systems MP7752GF Datasheet HTML 4Page - Monolithic Power Systems MP7752GF Datasheet HTML 5Page - Monolithic Power Systems MP7752GF Datasheet HTML 6Page - Monolithic Power Systems MP7752GF Datasheet HTML 7Page - Monolithic Power Systems MP7752GF Datasheet HTML 8Page - Monolithic Power Systems MP7752GF Datasheet HTML 9Page - Monolithic Power Systems MP7752GF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
6
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (7)
Circuit of figure 5, VCC = 18V, Gain=20dB, VEN = 5V, RLOAD = 8Ω+66uH, TA = +25C, unless
otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
f = 1kHz, THD+N = 10%, VCC = 18V
20
f = 1kHz, THD+N = 10%, VCC = 16V
15
Power Output
f = 1kHz, THD+N = 10%, VCC = 12V
9.5
W
POUT = 5W, f = 1kHz, VCC = 12V
0.5
%
THD+ Noise
POUT = 15W, f = 1kHz, VCC = 18V
0.5
%
Efficiency
POUT = 9.5W + 9.5W, THD+N = 10%,
VCC = 12 V, 1kHz, RLOAD = 8Ω
90
%
Deadtime
IO=0.5A
40
nS
Cross Talk
VO = 1 Vrms, f = 217Hz
-110
dB
Noise Floor
A-Weighted, 22 Hz to 22 kHz
115
μV
Signal-to-noise ratio
f = 1kHz, THD+N = 1%, A-Weighted
100
dB
f = 1kHz
-60
dB
Power Supply Rejection
VRIPPLE=300mVPP,
Inputs ac-coupled
to AGND
f = 217Hz
-70
dB
Notes:
7) Operating Specifications are for the IC in Typical Application circuit. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com