Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752GF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP7752GF
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP7752GF Datasheet HTML 10Page - Monolithic Power Systems MP7752GF Datasheet HTML 11Page - Monolithic Power Systems MP7752GF Datasheet HTML 12Page - Monolithic Power Systems MP7752GF Datasheet HTML 13Page - Monolithic Power Systems MP7752GF Datasheet HTML 14Page - Monolithic Power Systems MP7752GF Datasheet HTML 15Page - Monolithic Power Systems MP7752GF Datasheet HTML 16Page - Monolithic Power Systems MP7752GF Datasheet HTML 17Page - Monolithic Power Systems MP7752GF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP7752 – 18V, 2X15W STEREO FIX FREQUENCY INDUCTORLESS BTL CLASS D AUDIO AMPLIFIER
MP7752 Rev. 1.01
www.MonolithicPower.com
14
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP7752 is a fully integrated Class D stereo
BTL audio amplifier. Because of the switching
Class D output stage, power dissipation in the
amplifier is drastically reduced when compared to
Class A, B or A/B amplifiers while maintaining
high fidelity and low distortion.
The amplifier has fully differential outputs and
inputs. The differential input is useful to minimize
the common-mode noise (any noise that appears
on both input lines of the channel). This device
can still be used with a single-ended input.
The
MP7752
includes
eight
high-power
MOSFETs wherein for each half-bridge channel
the output driver stage uses two N-Channel
MOSFETs to deliver the pulses to the magnetic
bead and capacitor output filter which in turn
drives the load. To fully enhance the high-side
MOSFET, the gate is driven to a voltage higher
than the source by the bootstrap capacitor
between OUTxx and BSTxx pins. While the
output is driven low, the bootstrap capacitor is
charged from power supply through an internal
circuit. The gate of the high-side MOSFET is
driven high from the voltage at Bootstrap Supply,
forcing the MOSFET gate to a voltage higher
than power supply voltage and allowing the
MOSFET to fully turn on, reducing power loss in
the amplifier.
The gain of the MP7752 is set by the input
terminals, GAIN0 and GAIN1. The actual gain
settings are controlled by ratios of the input and
feedback resistors
Enable Function
The MP7752 EN input is an active high enable
control. To enable the MP7752, drive EN with a
2.0V or higher voltage. To disable the amplifier,
drive it below 0.4V. While the MP7752 is disabled,
the PVCC operating current is around 250μA and
the output driver MOSFETs are turned off.
Input signal Absence detect
The MP7752 includes an internal circuit which
allows the system automatic shutdown after the
absence of the audio signal. This feature is used
for energy-using products and for battery
operated applications.
The MP7752 includes a delay circuit which
allows the IC continues to hold the flag after the
absence of the audio signal. This holding time
can be adjusted with external capacitor.
1. The input absence flag will be high initially
when power on. After device enabled, the
internal circuit start to detect the input signal.
MP7752 will then hold the output report and
normal operation for a delay time which can
be adjusted by the Capacitor value @ pin 14.
Then MP7752 will turn off the all MOSFETs
and pull low the input absence output, until
the input signal detected again.
Figure 1a: enable on with no signal detected
2. The input absence flag output will be or
maintain high when input signal is detected.
The delay circuit will only be activated when
the input signal absence. MP7752 will then
hold the output report for a delay time which
can be adjusted by the Capacitor value @
pin 14. Then MP7752 will turn off the all
MOSFETs and pull low the input absence
output, until the input signal detected again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com