Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7752GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7752GF
Description  18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7752GF Datasheet HTML 1Page - Monolithic Power Systems MP7752GF Datasheet HTML 2Page - Monolithic Power Systems MP7752GF Datasheet HTML 3Page - Monolithic Power Systems MP7752GF Datasheet HTML 4Page - Monolithic Power Systems MP7752GF Datasheet HTML 5Page - Monolithic Power Systems MP7752GF Datasheet HTML 6Page - Monolithic Power Systems MP7752GF Datasheet HTML 7Page - Monolithic Power Systems MP7752GF Datasheet HTML 8Page - Monolithic Power Systems MP7752GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP7752
18V, 2x15W Stereo BTL, Fixed Frequency,
Inductorless Class-D Audio Amplifier
MP7752 Rev. 1.01
www.MonolithicPower.com
1
5/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7752 is an analog input inductorless
class-D audio amplifier, which drives stereo
speakers in bridge-tied-load configuration. It is
a fully integrated audio amplifier, which reduces
solution size dramatically. It integrates 240mΩ
power MOSFETs and short-circuit protection
circuits, and it features start-up/shutdown pop
elimination and advanced EMI performance.
Also, it is inductorless while passing the EMC
test.
The MP7752 utilizes a stereo BTL structure
capable of delivering 15W per channel into 8Ω
speakers with a 16V power supply. MPS
class-D audio amplifiers exhibit the high fidelity
of class-AB amplifiers at high efficiency.
The MP7752 includes an internal circuit which
allows the system to shut down automatically
after the absence of the audio signal is detected.
This feature is used for energy-using products
and battery operated applications.
Also, it has an adjustable power limit function.
The PLIMIT circuit sets a limit on the output
peak-to-peak voltage. This is done by limiting
the duty cycle to a fixed maximum value. This
limit can be thought of as a "virtual" voltage rail,
which is lower than the supply connected to
PVCC.
The MP7752 is available in a TSSOP-28 EP
package.
FEATURES
 5V to 18V Operation from a Single Supply
 ±5A Peak Current Output
 Output Power:
9.5W/Channel at 12V, 8Ω Load, 10%THD
15W/Channel at 16V, 8Ω Load, 10%THD
 90% Efficiency with 8Ω Load, 10%THD,
1kHz, 12V Supply Voltage
 240mΩ Power MOSFETs
 Start-UP/Shutdown Pop Elimination
 Short-Circuit Protection Circuits
 Inductorless Topology
 Advanced EMI performance
 All Switches Current Limited
 Internal Under-Voltage Protection
 Internal Thermal Protection
 TSSOP-28 EP Package
 Adjustable Power Limiter
 Automatic Shutdown with Zero Input Signal
Detection
 Fault Output Flag
APPLICATIONS
 TV
 DVD Receiver
 Active Speaker
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP7752GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7752GF MPS-MP7752GF Datasheet
251Kb / 6P
Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
More results

Similar Description - MP7752GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
ON Semiconductor
LV49152V-TLM-E ONSEMI-LV49152V-TLM-E Datasheet
378Kb / 24P
Class-D Audio Power Amplifier BTL 15W2ch
May, 2013
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
Monolithic Power System...
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
EV7752-F-00A MPS-EV7752-F-00A Datasheet
251Kb / 6P
Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
MP7758 MPS-MP7758 Datasheet
1Mb / 22P
18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
Rev. 1.0 12/3/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com