Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-331 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-331
Description  SMT package with red emitter (635 nm) and Si-phototransistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-331 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-331 Datasheet HTML 1Page - OSRAM GmbH SFH-331 Datasheet HTML 2Page - OSRAM GmbH SFH-331 Datasheet HTML 3Page - OSRAM GmbH SFH-331 Datasheet HTML 4Page - OSRAM GmbH SFH-331 Datasheet HTML 5Page - OSRAM GmbH SFH-331 Datasheet HTML 6Page - OSRAM GmbH SFH-331 Datasheet HTML 7Page - OSRAM GmbH SFH-331 Datasheet HTML 8Page - OSRAM GmbH SFH-331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2015-12-14
2
Version 1.3
SFH 331
Maximum Ratings
Characteristics
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Junction temperature
T
j
100
°C
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Emitter 1
Forward current
IF
30
mA
Surge current
(tp ≤ 10 µs, D = 0.005)
IFSM
0.5
A
Reverse voltage
V
R
5
V
Power consumption
P
tot
100
mW
Thermal resistance junction - ambient 1) page 16
R
thJA
450
K / W
Thermal resistance junction - solder point
R
thJS
350
K / W
Phototransistor
Collector current
IC
15
mA
Collector surge current
(τ < 10 µs)
ICS
75
mA
Collector-emitter voltage
VCE
35
V
Total Power dissipation
P
tot
165
mW
Thermal resistance 1) page 16
R
thJA
450
K / W
The stated maximum ratings refer to the specified chip regardless of the operating status of the other
one.
Parameter
Symbol
Values
Unit
Emitter 1
Peak wavelength
(IF = 10 mA)
(typ)
λpeak
635
nm
Dominant wavelength
(IF = 10 mA)
(typ)
λdom
628
nm
Spectral bandwidth at 50% of I
max
(I
F = 10 mA)
(typ)
∆λ
45
nm
Half angle
(typ)
ϕ
± 60
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com