Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-331 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-331
Description  SMT package with red emitter (635 nm) and Si-phototransistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-331 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-331 Datasheet HTML 1Page - OSRAM GmbH SFH-331 Datasheet HTML 2Page - OSRAM GmbH SFH-331 Datasheet HTML 3Page - OSRAM GmbH SFH-331 Datasheet HTML 4Page - OSRAM GmbH SFH-331 Datasheet HTML 5Page - OSRAM GmbH SFH-331 Datasheet HTML 6Page - OSRAM GmbH SFH-331 Datasheet HTML 7Page - OSRAM GmbH SFH-331 Datasheet HTML 8Page - OSRAM GmbH SFH-331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Version 1.3
SFH 331
2015-12-14
3
Rise and fall times of Ie ( 10% and 90% of Ie max)
(I
C = 100 mA, tp = 10 µs, RL = 50 Ω)
(typ)
tr / tf
300 / 150
ns
Capacitance
(V
R = 0 V, f = 1 MHz)
(typ)
C
0
12
pF
Forward voltage
(IF = 10 mA)
(typ (max)) V
F
2 (≤ 2.6)
V
Reverse current
(VR = 5 V)
(typ (max)) IR
0.01 (≤ 10)
µA
Luminous intensity
(I
F = 10 mA)
(min)
IV
6 (4 ... 12.5)
mcd
Phototransistor
(TA = 25 °C, λ = 950 nm)
Wavelength of max. sensitivity
(typ)
λS max
990
nm
Spectral range of sensitivity
(S = 10% of Smax)
(typ)
λ
440 ... 1150
nm
Radiant sensitive area
(∅ = 240 µm)
(typ)
A
0.038
mm2
Dimensions of chip area
(typ)
L x W
(typ) 0.45 x
0.45
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Capacitance
(VCE = 0 V, f = 1 MHz, E = 0)
(typ)
CCE
5
pF
Dark current
(VCE = 20 V, E = 0)
(typ (max)) ICE0
1 (≤ 50)
nA
Photocurrent
(λ = 950 nm, E
e = 0.1 mW/cm
2, V
CE = 5 V)
IPCE
≥ 16
µA
Rise and fall time
(I
C = 1 mA, VCE = 5 V, RL = 1 kΩ)
(typ)
t
r, tf
7
µs
Collector-emitter saturation voltage
(IC = 5 µA, Ee = 0.1 mW/cm
2)
(typ)
VCEsat
150
mV
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com