Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-331 Datasheet (PDF) - OSRAM GmbH

SFH-331 Datasheet PDF - OSRAM GmbH
Part # SFH-331
Download  SFH-331 Download
File Size   440.29 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SMT package with red emitter (635 nm) and Si-phototransistor

SFH-331 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH-331 Datasheet PDF - OSRAM GmbH

Part # SFH-331
Download  SFH-331 Click to download

File Size   440.29 Kbytes
Page   17 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description SMT package with red emitter (635 nm) and Si-phototransistor

SFH-331 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH-331

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
Silicon NPN Phototransistor with V貫 Characteristics
More results


Similar Description - SFH-331

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
Silicon NPN Phototransistor in SMT-Package with lens
SFH4219 OSRAM-SFH4219 Datasheet
62Kb / 6P
GaAs Infrared Emitter in SMT Package with lens
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH7250 OSRAM-SFH7250 Datasheet
386Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH7013 OSRAM-SFH7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-7013 OSRAM-SFH-7013 Datasheet
565Kb / 20P
Red (655 nm), Green (530 nm) and Infrared Emitter (940 nm)
SFH-7250 OSRAM-SFH-7250 Datasheet
480Kb / 16P
Infrared-Emitter (850 nm) and Si-Phototransistor
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
logo
ams AG
SFH7016 AMSCO-SFH7016 Datasheet
1Mb / 23P
Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
Version 1.5 2022-04-12
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com