Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4485 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 14Page - Monolithic Power Systems MPQ4485 Datasheet HTML 15Page - Monolithic Power Systems MPQ4485 Datasheet HTML 16Page - Monolithic Power Systems MPQ4485 Datasheet HTML 17Page - Monolithic Power Systems MPQ4485 Datasheet HTML 18Page - Monolithic Power Systems MPQ4485 Datasheet HTML 19Page - Monolithic Power Systems MPQ4485 Datasheet HTML 20Page - Monolithic Power Systems MPQ4485 Datasheet HTML 21Page - Monolithic Power Systems MPQ4485 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
21
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MPQ4485
PGND
EN
IN
AGND
SW
USB1
OUT
VIN
12V
L1
4.7µH
VCC
C3
1µF
BST
C4
220nF
DM1
DP1
USB2
DM2
USB1, 3A
USB2, 2.5A
MODE
C2A
10µF
C6
4.7µF
C5
4.7µF
Type-C
+ C1
100µF
C1A
22µF
CC2
CC1
DP2
POL
VOUT
5.17V
R1
0Ω
4,14
21
12
7
6
5,13
18
20
19
16
24
1
22
23
2
11
3,15,25
10
8,9,26
C1B
22µF
C1D
10µF
C2B
10µF
+
C2
270µF
ESR<50mΩ
L2
4.7µH
C1C
4.7µF
Optional input filter for
improving conduction EMI
Type-A
DP2_OUT
DM2_OUT
To Host
Controller
17
C7
1nF
L3, Bead,
1kΩ@100MHz
DM
DP
R3
1kΩ
DM
DP
BUS
CC2
CC1
R2
100kΩ
R4
150Ω
Figure 13: USB1 5V @ 3A Type-C Mode, USB2 Type-A Port with CDP Mode (10) (11)
MPQ4485
PGND
EN
IN
AGND
SW
USB1
OUT
VIN
12V
L1
4.7µH
VCC
C3
1µF
BST
C4
220nF
DM1
DP1
USB2
DM2
USB1, 2.5A
USB2, 2.5A
MODE
C2A
10µF
C6
4.7µF
C5
4.7µF
Type-A
+ C1
100µF
C1A
22µF
CC2
CC1
DP2
POL
VOUT
5.17V
R1
0Ω
4,14
21
12
7
6
5,13
18
20
19
16
24
1
22
23
2
11
3,15,25
10
8,9,26
C1B
22µF
C1D
10µF
C2B
10µF
+
C2
270µF
ESR<50mΩ
L2
4.7µH
C1C
4.7µF
Optional input filter for
improving conduction EMI
Type-A
DP2_OUT
DM2_OUT
To Host
Controller
17
R2
80.6kΩ
L3, Bead,
1kΩ@100MHz
DM
DP
CDP
Controller
To Host Controller
R3
1kΩ
DM
DP
BUS
Figure 14: Dual Type-A Port with CDP Mode (10) (11)
MPQ4485
PGND
EN
IN
AGND
SW
USB1
OUT
VIN
12V
L1
4.7µH
VCC
C3
1µF
BST
C4
220nF
DM1
DP1
USB2
DM2
USB1, 3A
MODE
C2A
10µF
C6
10µF
C5
4.7µF
Type-C
+ C1
100µF
C1A
22µF
CC1
CC2
DP2
POL
VOUT
5.17V
R1
0Ω
4,14
21
12
7
6
5,13
18
20
19
16
24
1
22
23
2
11
3,15,25
10
8,9,26
C1B
22µF
C1D
10µF
C2B
10µF
+
C2
270µF
ESR<50mΩ
L2
4.7µH
C1C
4.7µF
Optional input filter for
improving conduction EMI
R2
100K
DP2_OUT
DM2_OUT
17
C7
1nF
USB2, 5V/2.5A Power
DM
DP
CC1
CC2
USB2.0 Data Transmission
To Host Controller
VCC
TX
RX
USB3.0 Mux
USB3.0 Data Transmission
To Host Controller
R3
1kΩ
L3, Bead,
1k@100MHz
Figure 15: USB1 Type-C 5V @ 3A DFP Mode with USB3.0/USB2.0 Data Transmission, USB2 5V @ 2.5A
Power Output (10) (11)
NOTES:
10) See Figure 11 for
I/O pins’ ESD protection enhancing details.
11) See Figure 8 for enhanced CDP mode data transmission set-up details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com