Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4485 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems MPQ4485 Datasheet HTML 10Page - Monolithic Power Systems MPQ4485 Datasheet HTML 11Page - Monolithic Power Systems MPQ4485 Datasheet HTML 12Page - Monolithic Power Systems MPQ4485 Datasheet HTML 13Page - Monolithic Power Systems MPQ4485 Datasheet HTML 14Page - Monolithic Power Systems MPQ4485 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
11
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN 5x5
Pin #
Name
Description
1
CC1
Configuration channel. CC1 is used to detect connections and configure the
interface across the USB1 Type-C cables and connectors. Once a connection is
established, CC1 or CC2 is reassigned to provide power over the VCONN pin of
the plug.
2
USB1
USB1 output.
3, 15, 25
OUT
Buck output. OUT is the power input for USB1 and USB2.
4, 14
IN
Supply voltage. IN is the drain of the internal power device and provides power to
the entire chip. The MPQ4485 operates from a 6V to 36V input voltage. The input
capacitor (CIN) can prevent large voltage spikes at the input. Place CIN as close to
the IC as possible.
5, 13
PGND
Power ground. PGND is the reference ground of the regulated output voltage.
PGND requires extra care during the PCB layout. Connect PGND to GND with
copper traces and vias.
6
AGND
Analog ground. Connect AGND to PGND.
7
VCC
Internal 4.6V LDO regulator output. Decouple VCC with a 0.22µF capacitor.
8, 9, 26
SW
Switch output. Use a wide PCB trace to make the connection.
10
BST
Bootstrap. A 0.1µF capacitor is connected between SW and BST to form a
floating supply across the high-side switch driver.
11
POL
Type-C plug orientation indication. When POL is low, CC1 is used as the CC
pin. When POL is high, CC2 is used as the CC pin.
12
MODE
USB2 mode control. Float MODE to set USB2 to DCP mode. Pull MODE low to
set USB2 to CDP mode. MODE has a
1MΩ pull-up resistor to the internal VCC.
16
USB2
USB2 output.
17
DM2_OUT
D- data line output.
18
DP2_OUT
D+ data line output.
19
DM2
D- data line to USB2 connector. DM2 is the input/output used for handshaking
with portable devices.
20
DP2
D+ data line to USB2 connector. DP2 is the input/output used for handshaking
with portable devices.
21
EN
On/off control input. EN has an internal auto pull-up with a 8
μA current source.
22
DP1
D+ data line to USB1 connector. DP1 is the input/output used for handshaking
with portable devices.
23
DM1
D- data line to USB1 connector. DM1 is the input/output used for handshaking
with portable devices.
24
CC2
Configuration channel. CC2 is used to detect connections and configure the
interface across the USB1 Type-C cables and connectors. Once a connection is
established, CC1 or CC2 is reassigned to provide power over the VCONN pin of
the plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com