Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ4485 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems MPQ4485 Datasheet HTML 10Page - Monolithic Power Systems MPQ4485 Datasheet HTML 11Page - Monolithic Power Systems MPQ4485 Datasheet HTML 12Page - Monolithic Power Systems MPQ4485 Datasheet HTML 13Page - Monolithic Power Systems MPQ4485 Datasheet HTML 14Page - Monolithic Power Systems MPQ4485 Datasheet HTML 15Page - Monolithic Power Systems MPQ4485 Datasheet HTML 16Page - Monolithic Power Systems MPQ4485 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
13
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
BUCK CONVERTER SECTION
The
MPQ4485
integrates
a
monolithic,
synchronous, rectified, step-down, switch-mode
converter with internal power MOSFETs and
two USB current-limit switches with charging
port auto-detection. The MPQ4485 offers a
compact
solution
that
achieves
6A
of
continuous output current with excellent load
and line regulation over a wide input-supply
range.
The MPQ4485 operates in a fixed-frequency,
peak-current-mode
control
to
regulate
the
output voltage. The internal clock initiates the
pulse-width modulation (PWM) cycle, which
turns
on
the
integrated
high-side
power
MOSFET (HS-FET). The HS-FET remains on
until its current reaches the value set by the
COMP voltage (VCOMP). When the power switch
is off, it remains off until the next clock cycle
begins. If the duty cycle reaches 95% (450kHz
switching frequency) in one PWM period, the
current in the power MOSFET cannot reach the
COMP-set
current
value,
and
the
power
MOSFET turns off.
Error Amplifier (EA)
The error amplifier (EA) compares the internal
feedback voltage against the internal reference
(REF) and outputs VCOMP. VCOMP controls the
power MOSFET current. The optimized, internal
compensation network minimizes the external
component count and simplifies the control loop
design.
Internal VCC Regulator
The 4.6V internal regulator powers most of the
internal circuitries. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 4.6V, the output of the regulator is in
full regulation. If VIN is less than 4.6V, the output
decreases with VIN. VCC requires an external
1µF ceramic decoupling capacitor.
After the buck output starts up, the internal VCC
LDO output is biased by the buck output
through a Schottky diode.
Enable Control (EN)
The MPQ4485 has an enable control (EN) pin.
An internal
8μA pull-up current allows EN to be
floated for automatic start-up. Pull EN high or
float EN to enable the IC. Pull EN low to disable
the IC.
EN is clamped internally using a 7.6V series
Zener diode and a 10V breakdown voltage of
the ESD cell (see Figure 2).
Connect EN through a pull-up resistor to VIN to
enhance the EN pull-up current ability. This
requires limiting the EN voltage below 10V or
limiting the EN input current below
500μA if the
EN pull-up voltage is larger than 10V.
For example, if connecting EN to VIN = 36V,
then RPULLUP ≥ (36V - 10V)/500μA = 52kΩ.
EN
Logic
EN
GND
100k
Ω
7.6V
ESD
10V
8µA
Figure 2: Zener Diode between EN and GND
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO comparator monitors the input
voltage. The UVLO rising threshold is 5V, and
its falling threshold is 4.3V.
Internal Soft Start (SS)
Soft start (SS) prevents the converter output
voltage
from
overshooting
during
start-up.
When the chip starts up, the internal circuitry
generates an SS voltage that ramps up from 0V
to 5V. When SS is lower than REF, the error
amplifier uses SS as the reference. When SS is
higher than REF, the error amplifier uses REF
as the reference. The SS time is set to 2ms
internally.
If the output of the MPQ4485 is pre-biased to a
certain voltage during start-up, the IC disables
the switching of both the high-side and low-side
switches until the voltage on the internal SS
capacitor
exceeds
the
internal
feedback
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com