Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000S Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5000S
Description  12V, 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000S Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5000S Datasheet HTML 1Page - Monolithic Power Systems MP5000S Datasheet HTML 2Page - Monolithic Power Systems MP5000S Datasheet HTML 3Page - Monolithic Power Systems MP5000S Datasheet HTML 4Page - Monolithic Power Systems MP5000S Datasheet HTML 5Page - Monolithic Power Systems MP5000S Datasheet HTML 6Page - Monolithic Power Systems MP5000S Datasheet HTML 7Page - Monolithic Power Systems MP5000S Datasheet HTML 8Page - Monolithic Power Systems MP5000S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP5000S – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000S Rev. 1.0
www.MonolithicPower.com
2
4/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5000SDQ
QFN10 (3 x3mm)
ADT
* For Tape & Reel, add suffix
–Z (e.g. MP5000SDQ–Z);
For RoHS Compliant Packaging, add suffix
–LF (e.g. MP5000SDQ–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
VCC, SOURCE, I-LIMIT .................. -0.3V to 22V
dv/dt, ENABLE/FAULT..................... -0.3V to 6V
Storage Temperature............... -65
C to +155C
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................2.5W
Operating Junction Temperature. -40
C to 150C
Input Voltage Transient (100mS) ......... VIN=25V
Recommended Operating Conditions
(3)
Input Voltage Operating Range
…….10V to 18V
Continuous Current
0.5 in
2 pad .................................................4.2A
For Minimum Copper, TA=80°C...................2.3A
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN10....................................50 ...... 12 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX),
the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com