Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000S Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5000S
Description  12V, 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000S Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5000S Datasheet HTML 5Page - Monolithic Power Systems MP5000S Datasheet HTML 6Page - Monolithic Power Systems MP5000S Datasheet HTML 7Page - Monolithic Power Systems MP5000S Datasheet HTML 8Page - Monolithic Power Systems MP5000S Datasheet HTML 9Page - Monolithic Power Systems MP5000S Datasheet HTML 10Page - Monolithic Power Systems MP5000S Datasheet HTML 11Page - Monolithic Power Systems MP5000S Datasheet HTML 12Page - Monolithic Power Systems MP5000S Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP5000S – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000S Rev. 1.0
www.MonolithicPower.com
11
4/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Current Limit
The desired current limit is a function of the
external current limit resistor.
Table 2
—Current Limit vs. Current Limit Resistor
(VCC=12V)
Current Limit
Resistor (
Ω)
15.4
22
50
100
Trip Current (A)
6.1
5
2.7
2.3
Hold Current (A)
5.8
3.7
1.63
1.1
Rise Time
The rise time is a function of the capacitor
(Cdvdt) on the dv/dt pin.
Table 3
—Rise Time vs. Cdv/dt
Cdvdt
none
50pF
500pF
1nF
Rise Time
(TYPICAL) (ms)
0.9
2
12
23
* Notes: Rise Time = K
RT*(41pF+Cdv/dt), KRT =22E6
The “rise time” is measured by from 0% to 100%
of output voltage.
Figure 2
—Rise Time
PCB LAYOUT
PCB layout is very important to achieve stable
operation. Please follow these guidelines and
take below figure for reference. Place Rlimit
close to I_limit pin, Cdv/dt close to dv/dt pin and
input cap close to VCC pin. Keep the N/C pin float.
Put vias in thermal pad and ensure enough
copper area near VCC and source to achieve
better thermal performance.
SOURCE
EN/ FAULT
dv/dt
10
9
8
7
6
1
2
3
4
5
N/C
GND
VIN
GND
SOURCE
SOURCE
SOURCE
SOURCE
EN/ FAULT
VIN
VOUT
RLIMIT
I_LIMIT
C3
Top Layer
VIN
Bottom Layer
Figure 3
―PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com