Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5000S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5000S
Description  12V, 5A Programmable Current Limit Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5000S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5000S Datasheet HTML 5Page - Monolithic Power Systems MP5000S Datasheet HTML 6Page - Monolithic Power Systems MP5000S Datasheet HTML 7Page - Monolithic Power Systems MP5000S Datasheet HTML 8Page - Monolithic Power Systems MP5000S Datasheet HTML 9Page - Monolithic Power Systems MP5000S Datasheet HTML 10Page - Monolithic Power Systems MP5000S Datasheet HTML 11Page - Monolithic Power Systems MP5000S Datasheet HTML 12Page - Monolithic Power Systems MP5000S Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP5000S – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5000S Rev. 1.0
www.MonolithicPower.com
12
4/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Design Example
Below
is
a
design
example
following
the
application guidelines for the given specifications:
Table 4: Design Example
VIN
12V
Trip Current
5A
Hold Current
3.7A
Figure 4 shows the application schematic. The
Typical
Performance
Characteristics
section
shows the circuit waveforms. For more device
applications,
please
refer
to
the
related
Evaluation Board Datasheet.
TYPICAL APPLICATION CIRCUITS
Figure 4
―Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com