Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB326SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB326SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB326SP Datasheet(HTML) 1 Page - STMicroelectronics

  VB326SP Datasheet HTML 1Page - STMicroelectronics VB326SP Datasheet HTML 2Page - STMicroelectronics VB326SP Datasheet HTML 3Page - STMicroelectronics VB326SP Datasheet HTML 4Page - STMicroelectronics VB326SP Datasheet HTML 5Page - STMicroelectronics VB326SP Datasheet HTML 6Page - STMicroelectronics VB326SP Datasheet HTML 7Page - STMicroelectronics VB326SP Datasheet HTML 8Page - STMicroelectronics VB326SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2003
1/9
®
VB326SP
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
s
PRIMARY COIL VOLTAGE INTERNALLY SET
s
COIL CURRENT LIMIT INTERNALLY SET
s
LOGIC LEVEL COMPATIBLE INPUT
s
DRIVING CURRENT QUASI PROPORTIONAL
TO COLLECTOR CURRENT
s
SINGLE FLAG-ON COIL CURRENT
s
LOW VOLTAGE CLAMP THERMAL
SHUTDOWN
DESCRIPTION
The VB326SP is a high voltage power integrated
circuit
made
using
the
STMicroelectronics
VIPower™ M1-3 technology, with vertical current
flow power darlington and logic level compatible
driving circuit. The enable pin allows to externally
block the switch when the input is on. Built-in
protection circuit for coil current limiting and
collector voltage clamping allows the device to be
used as smart, high voltage, high current interface
in advanced electronic ignition system. If the input
signal from the micro happens to remain high, the
device protects itself against over-heating by
forcing collector current to smooth decrease (low
voltage clamp feature) and no undesidered spark
occurs (see figure 4).
TYPE
Vcl
Icl
ICC
VB326SP
360V
10A
150mA
BLOCK DIAGRAM
PowerSO-10™
1
10
DRIVER
GND
REFERENCE
RSENSE
VCC
HVC
VIN
QUASI PROP.
BASE CURRENT
-
THERMAL
PROTECTION
BD
E
DIAGNOSTIC
OUTPUT
VCC
VR
VF1
VLIM
VTH
SN
LIMITER
LGND


Similar Part No. - VB326SP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB3222 VBSEMI-VB3222 Datasheet
676Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
VB3222 VBSEMI-VB3222 Datasheet
714Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
VB3222A VBSEMI-VB3222A Datasheet
567Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor with Schottky Diode
VB3222 VBSEMI-VB3222_V01 Datasheet
714Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
logo
STMicroelectronics
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
More results

Similar Description - VB326SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB921ZVFI STMICROELECTRONICS-VB921ZVFI Datasheet
179Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Oct-2000
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com