Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB326SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB326SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB326SP Datasheet(HTML) 3 Page - STMicroelectronics

  VB326SP Datasheet HTML 1Page - STMicroelectronics VB326SP Datasheet HTML 2Page - STMicroelectronics VB326SP Datasheet HTML 3Page - STMicroelectronics VB326SP Datasheet HTML 4Page - STMicroelectronics VB326SP Datasheet HTML 5Page - STMicroelectronics VB326SP Datasheet HTML 6Page - STMicroelectronics VB326SP Datasheet HTML 7Page - STMicroelectronics VB326SP Datasheet HTML 8Page - STMicroelectronics VB326SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
VB326SP
ELECTRICAL CHARACTERISTICS (5.3V < Vbat < 24V; VCC=5V ± 10%; -40ºC < Tj < 125ºC; Rcoil=580mΩ;
Lcoil=3.75mH unless otherwise specified; See note 1)
Note 1: parametric degratation are allowed with 5.3<Vb<10V and Vb>24V.
Note 2: the primary coil current value Icl must be measured 1ms after desaturation of the power stage.
Note 3: no internal Pull-down.
Note 4: if ENABLE pin is floating OUT=Off for every input status.
(*) Internally Limited
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vcl
High Voltage Clamp
Icoil=6.5A
320
360
420
V
Vlcl
Low Voltage Clamp
Icoil=6.5A; Tj=Tsd
30
40
50
V
Vce(sat)
Power Stage Saturation
Voltage
IC=6A; VIN=4V
1.5
2
V
ICC(stdby)
Stand-by Supply Current
IN=Off
11
mA
ICC
DC Logic Current
Vb=16V; IC=6.5A; f=100Hz; Load = Coil;
VCC=5.5V
40
mA
ICC(peak)
Peak DC Logic Current
during On Phase
IC=6.5A
100
150
mA
VCC
DC Logic Voltage
4.5
5.5
V
Icl
Coil Current Limit
-40ºC < Tj < 125ºC
(See note 2)
911
A
Ic(off)
Output Off State Current
IN=Off; VHVC=24V; VCC=5V; Tj=25ºC
5
mA
TIc_ctr
Thermal Temperature
Output Current Control
OUT=On
150
(*)
ºC
VINH
High Level Input Voltage
VCC=4.5V
4
VCC
V
VINL
Low Level Input Voltage
VCC=5.5V
-0.3
0.8
V
VIN(hyst)
Input Threshold Hysteresis
0.4
V
IINH
High Level Input Current
VIN=4V
100
µA
IINL
Low Level Input Current
VIN=0.8V
0
30
µA
IINpd
Input Active Pull Down
VIN=4V
10
100
µA
VdiagH
High Level Flag Output
Voltage
REXT=22KΩ; CEXT=1nF (See note 3)
VCC - 1
VCC
V
VdiagL
Low Level Flag Output
Voltage
REXT=22KΩ; CEXT=1nF (See note 3)
0.5
V
IdiagTH
Coil Current Level Threshold Tj=25ºC
6.15
6.5
6.85
A
IdiagTD
Coil Current Level Threshold
Drift
(See figure 1)
Idiag
High Level Flag Output
Current
IC > IdiagTH; Vdiag=3V
0.5
mA
Idiag(leak)
Leakage Current on Flag
Output
VIN=Low; VCC=5.5V
10
µA
VF
Antiparallel Diode Forward
Voltage
IC= -1A
2
V
Es/b
Single Pulse Avalanche
Energy
L=6mH; IC= 8A (See figure 2)
180
mJ
tON
Turn-on time
Rc=0.5Ω; Lc=3.75mH; Tj=25ºC;
Vbat=13V (See figure 6)
15
µs
tOFF
Turn-off time
Rc=0.5Ω; Lc=3.75mH; IC=6.5A; Tj=25ºC;
Vbat=13V (See figure 6)
15
25
µs
Tsd
Thermal shut-down
intervention
150
ºC
VEH
High Level Enable Voltage
VIN=VINH; OUT=Off (See Note 4)
2
V
VEL
Low Level Enable Voltage
VOUT free to follow VIN
0.40
V
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com