Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB326SP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VB326SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB326SP Datasheet(HTML) 2 Page - STMicroelectronics

  VB326SP Datasheet HTML 1Page - STMicroelectronics VB326SP Datasheet HTML 2Page - STMicroelectronics VB326SP Datasheet HTML 3Page - STMicroelectronics VB326SP Datasheet HTML 4Page - STMicroelectronics VB326SP Datasheet HTML 5Page - STMicroelectronics VB326SP Datasheet HTML 6Page - STMicroelectronics VB326SP Datasheet HTML 7Page - STMicroelectronics VB326SP Datasheet HTML 8Page - STMicroelectronics VB326SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
VB326SP
ABSOLUTE MAXIMUM RATING
THERMAL DATA
PIN FUNCTION
(*) When grounded the Input is Enabled
CONNECTION DIAGRAM (TOP VIEW)
Symbol
Parameter
Value
Unit
HVc
Collector voltage (Internally limited)
-0.3 to Vclamp
V
IC
Collector current (Internally limited)
10
A
IC(gnd)
DC current on Emitter Power
± 10.5
A
VCC
Driving stage supply voltage
-0.3 to 7
V
Is
Driving circuitry supply current
± 200
mA
Is(gnd)
DC current on Ground pin
± 1A
VIN
Input voltage
-0.3 to VCC + 0.3
V
IIN
Maximum Input Current
100
mA
fIN
Logic Input Frequency in Operative Mode
DC to 150
Hz
VOUT(flag)
Output Voltage Primary Threshold Current Level
-0.3 to VCC + 0.3
V
IOUT(flag)
Flag Output Current
100
mA
Pmax
Power Dissipation (Tc=25°C)
125
W
Es/b
Self Clamped Energy during Output Power Clamping (See figure 2)
275
mJ
VESD
ESD voltage (HVc pin)
± 4KV
VESD
ESD voltage (Enable pin)
+ 1.5 ; -2
KV
VESD
ESD voltage (Other pins)
± 2KV
IBD
Input Darlington Base Current
150
mA
VBD
Input Darlington Base Voltage
Internally limited
V
Tj
Operating Junction Temperature
-40 to 150
°C
Tstg
Storage temperature Range
-55 to 150
°C
VE
Maximum Enable Voltage
-0.3 to 5.5
V
IE
Maximum Enable Current
± 150
µA
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
1
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
51
°C/W
No
Name
Function
1 - 5
LGND
Signal Ground
2 - 3 - 4
GND
Emitter Power Ground
6E
Enable (*)
7VCC
Logic Supply Voltage
8
BD
Base Darlington
9
INPUT
Logic input channel (Internal Pull Down)
10
FLAG
Diagnostic Output Signal (Open Emitter)
TAB
HVC
Primary Coil Output Driver (Open Collector)
1
2
3
4
5
6
7
8
9
10
TAB
LGND
GND
GND
GND
LGND
E
VCC
BD
INPUT
FLAG
HVC
Pin 1 and Pin 5 must be externally connected to Pins 2
÷4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com