Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3312GC
Description  2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3312GC Datasheet HTML 1Page - Monolithic Power Systems MP3312GC Datasheet HTML 2Page - Monolithic Power Systems MP3312GC Datasheet HTML 3Page - Monolithic Power Systems MP3312GC Datasheet HTML 4Page - Monolithic Power Systems MP3312GC Datasheet HTML 5Page - Monolithic Power Systems MP3312GC Datasheet HTML 6Page - Monolithic Power Systems MP3312GC Datasheet HTML 7Page - Monolithic Power Systems MP3312GC Datasheet HTML 8Page - Monolithic Power Systems MP3312GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP3312
2.7V-5.5V Input , 38V OVP,
Dual-Channel White LED Driver
MP3312 Rev. 1.02
www.MonolithicPower.com
1
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3312 is a dual-channel step-up WLED
driver with integrated 40V MOSFET, and
supports 2.7V to 5.5V power supply input. It uses
peak current mode to regulate the LED current
which is set by external resistor.
The MP3312 employs 1.2MHz fixed switching
frequency. It features supporting both PWM input
analog dimming and digital analog dimming to
accurately regulate the dimming current.
The MP3312 integrates current source to
balance LED current, which leads good ILED
matching and accuracy performance.
In addition, the MP3312 has LED open and short
protection, cycle by cycle current limit protection,
and thermal shutdown protection. It is available in
tiny WLCSP1.35x1.35-9 package.
FEATURES
• 2.7V~5.5V Input Voltage
• 1.2MHz Switching Frequency
• Dual Channels Support up to 30mA/String
• 1% Current Matching Between LED Channels
• +/-2% Current Accuracy
• 38V OVP Protection
• PWM Input Analog Dimming Mode
• 5kHz to100kHz PWM Input Analog Dimming
• 1-Wire Interface for Digital Dimming
• 9-bit Dimming Resolution
• Internal Soft Start to Reduce Inrush Current
• Available in WLCSP1.35x1.35-9 Package
APPLICATIONS
• Feature Phone and Smart Phones
• Tablets
• GPS Receivers
• <10 inch LCD video displays with one-cell Li-
ion battery
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
60
65
70
75
80
85
90
95
2.5 3
3.5
4
4.5
5
5.5
6


Similar Part No. - MP3312GC

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3312 MPS-MP3312 Datasheet
294Kb / 6P
Dual-Channel White LED Driver Evaluation Board
logo
Schneider Electric
MP33125 SCHNEIDER-MP33125 Datasheet
112Kb / 2P
MP Meter Pak, main lugs, three ringed sockets, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
More results

Similar Description - MP3312GC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2289C MICREL-MIC2289C Datasheet
273Kb / 10P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_07 Datasheet
251Kb / 9P
White LED Driver Internal Schottky Diode and OVP
MIC2289C MICREL-MIC2289C_11 Datasheet
252Kb / 9P
White LED Driver Internal Schottky Diode and OVP
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
logo
Monolithic Power System...
MP3309 MPS-MP3309 Datasheet
367Kb / 11P
2.7V-5.5V Input, 35V Output White LED Driver
MP3309L MPS-MP3309L Datasheet
346Kb / 12P
2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
EV3309A-Q-00A MPS-EV3309A-Q-00A Datasheet
273Kb / 6P
2.7V-5.5V Input, 35V Output, programmable Fsw, White LED Driver with I2C Interface Evaluation Board
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
High Efficiency, 38V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com