Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312GC Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3312GC
Description  2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312GC Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3312GC Datasheet HTML 6Page - Monolithic Power Systems MP3312GC Datasheet HTML 7Page - Monolithic Power Systems MP3312GC Datasheet HTML 8Page - Monolithic Power Systems MP3312GC Datasheet HTML 9Page - Monolithic Power Systems MP3312GC Datasheet HTML 10Page - Monolithic Power Systems MP3312GC Datasheet HTML 11Page - Monolithic Power Systems MP3312GC Datasheet HTML 12Page - Monolithic Power Systems MP3312GC Datasheet HTML 13Page - Monolithic Power Systems MP3312GC Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP3312 - 2.7V-5.5V INPUT, 38V OVP, DUAL-CHANNEL WHITE LED DRIVER
MP3312 Rev. 1.02
www.MonolithicPower.com
10
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 2—1-wire command structure
1-wire interface defines logic 0 and logic 1 by
comparing the time of the signal low level and
high level, 1 cycle means 1 logic bit. The bit
detection starts with a falling edge on the EN
pin and ends with the next falling edge. Shown
as Figure 3
Low logic (logic 0): tLOW≥3* tHIGH
High logic (logic 1): tHIGH≥3* tLOW
Figure 3—1-Wire Bit Definition
The EN pin needs to distinguish EN signal and
digital dimming signal when set up boost driver.
Chip only receives 1-wire signal when EN pin
signal matches 1-wire protocol during 1ms 1-
wire
detection
window.
1-wire
dimming
sequence is described as below, and shown in
Figure 4.
1. Pulling VIN and PWM to high.
2. Pulling data line from low to high for tDELAY (1-
wire detection delay time, 100us) and this
rising edge is the start of 1-wire detection
window.
3. After 1-wire detection delay time, pulling data
line to low for more than tDETECTION (1-wire
detection time, 260us). Then pulling data
line to high.
4. The sum of 1-wire detection delay time and
1-wire detection time should be less than tWIN.
(The time of 1-wire detection window,1ms).
Figure 4—1-Wire Dimming Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com