Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3312GC Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3312GC
Description  2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3312GC Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3312GC Datasheet HTML 7Page - Monolithic Power Systems MP3312GC Datasheet HTML 8Page - Monolithic Power Systems MP3312GC Datasheet HTML 9Page - Monolithic Power Systems MP3312GC Datasheet HTML 10Page - Monolithic Power Systems MP3312GC Datasheet HTML 11Page - Monolithic Power Systems MP3312GC Datasheet HTML 12Page - Monolithic Power Systems MP3312GC Datasheet HTML 13Page - Monolithic Power Systems MP3312GC Datasheet HTML 14Page - Monolithic Power Systems MP3312GC Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP3312 - 2.7V-5.5V INPUT, 38V OVP, DUAL-CHANNEL WHITE LED DRIVER
MP3312 Rev. 1.02
www.MonolithicPower.com
11
1/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
In addition, before chip starts to receive each
command with first falling edge, data line should
keep high level for tSTART (min. 2us) time. The
transmission of each command is completed with
low level for tEOS (min. 2us).Shown in Figure 5.
The ACK signal feedback to master or not is
dependent on RFA bit. If ACK is needed, the
master should have an open-drain output, and
data line should be pulled high by master with a
resistor load.
Figure 5— Data-line Timing when RFA=0
Figure 6—Data-line Timing when RFA=1
If RFA=0, No ACK signal feedback. After all 24
bits data is transferred, data line keeps low for
tEOS (min. 2us) delay, and then it is pulled to static
high. Shown as Figure 5.
If RFA=1, ACK signal feedback to master. After
all 24 bits data is transferred, the data line keeps
low for tACKval (max. 2us) time ,then data line
should be released to output high impedance and
master is ready to detect the ACK signal from
slave . After tACKval, if ACK “false” (1-wire data is
not received successfully), the data line will be
pulled to high directly. After tACKval, if ACK “ture”
(1-wire data is received successfully), data line
will be continuously pulled to low VACKL (max.
0.4V) by slave for tACK (max. 512us) time. The
master reads this low logic, it means chip
received 1-wire data successfully. Then the data
line is pulled to static high. Shown as Figure 6.
MP3312 has a 9-bit DAC for digital dimming
control and the dimming resolution is 1/511. The
default code value of D0 (LSB)-D8(MSB) is
“111111111” when the device is first enabled.
The LED current is dependent on the internal
register value D0-D8 according to below formula:
full
code
ILED ILED
511
ILEDfull is the full scale output current set by RISET
to ISET pin. Code is the DEC value of resolution
bit (D0-D8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com