Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3373
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3373 Datasheet HTML 12Page - Monolithic Power Systems MP3373 Datasheet HTML 13Page - Monolithic Power Systems MP3373 Datasheet HTML 14Page - Monolithic Power Systems MP3373 Datasheet HTML 15Page - Monolithic Power Systems MP3373 Datasheet HTML 16Page - Monolithic Power Systems MP3373 Datasheet HTML 17Page - Monolithic Power Systems MP3373 Datasheet HTML 18Page - Monolithic Power Systems MP3373 Datasheet HTML 19Page - Monolithic Power Systems MP3373 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
16
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
4. Gate source charge QGS and gate drain
charge QGD
5. Total gate charge, QG
Ideally, the off-state voltage across the MOSFET
is equal to the output voltage. Considering the
voltage spike when it turns off, VDS(MAX) should be
greater than 1.5 times of the output voltage.
The maximum current through the power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given by
RMS(MAX)
IN(MAX)
MAX
II
D

, where:
OUT
IN(MIN)
MAX
OUT
VV
D
V
The current rating of the MOSFET should be
greater than 1.5xIRMS
The ON resistance of the MOSFET determines
the conduction loss, which is given by:
k
R
I
P
(on)
DS
2
RMS
cond
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the chart of VGS vs. QG
of the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are needed to estimate the turn-on
and turn-off losses.
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, and
VDS is the drain-source voltage. Please note that
calculating the switching loss is the most difficult
part in the loss estimation. The formula above
provides a simplified equation. For more accurate
estimates, the equation becomes much more
complex.
The total gate charge, QG, is used to calculate
the gate drive loss. The expression is
SW
DR
G
DR
f
V
Q
P
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
4.7μF ceramic capacitor in parallel with a 470μF
electrolytic capacitor will suffice.
Setting the Over Voltage Protection
The open string protection is achieved through
the detection of the voltage on the OVP pin. In
some cases, an LED string failure results in the
feedback voltage always zero. The part then
keeps boosting the output voltage higher and
higher. If the output voltage reaches the
programmed OVP threshold, the protection will
be triggered.
To ensure the chip functions properly, select the
resistor values for the OVP resistor divider to
provide
an
appropriate
set
voltage.
The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation.
VOVP=2.5V*(RHIGH+RLOW)/RLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com