Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3373
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3373 Datasheet HTML 1Page - Monolithic Power Systems MP3373 Datasheet HTML 2Page - Monolithic Power Systems MP3373 Datasheet HTML 3Page - Monolithic Power Systems MP3373 Datasheet HTML 4Page - Monolithic Power Systems MP3373 Datasheet HTML 5Page - Monolithic Power Systems MP3373 Datasheet HTML 6Page - Monolithic Power Systems MP3373 Datasheet HTML 7Page - Monolithic Power Systems MP3373 Datasheet HTML 8Page - Monolithic Power Systems MP3373 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
3
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP3373GY*
SOIC-28
MP3373
MP3373GM*
TSSOP-28
MP3373
* For phase shift function, please only order MP3373GY-C755 or MP3373GM-C755
PACKAGE REFERENCE
Package Diagram
Package Diagram
TSSOP-28
SOIC-28
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ...................................................-0.3V to 42V
VGATE ,VCC , VFAULT...........................-0.3V to 11V
VCTL1 to VCTL8...................................-0.3V to 55V
All Other Pins...............................-0.3V to +6.3V
Continuous Power Dissipation (TA = +25°C)
(2)
TSSOP-28………………………………...1.56 W
SOIC-28……………………………………2.08W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature............... -65
C to +150C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................9V to 40V
Operating Junction Temp ........ -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP-28...................... ........ 80 ...... 30...
C/W
SOIC-28....…......…........ ........ 60 ...... 30...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com