Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3373
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3373 Datasheet HTML 6Page - Monolithic Power Systems MP3373 Datasheet HTML 7Page - Monolithic Power Systems MP3373 Datasheet HTML 8Page - Monolithic Power Systems MP3373 Datasheet HTML 9Page - Monolithic Power Systems MP3373 Datasheet HTML 10Page - Monolithic Power Systems MP3373 Datasheet HTML 11Page - Monolithic Power Systems MP3373 Datasheet HTML 12Page - Monolithic Power Systems MP3373 Datasheet HTML 13Page - Monolithic Power Systems MP3373 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP3373, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
MP3373 Rev. 1.02
www.MonolithicPower.com
10
8/16/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
16
FB5
LED Current Feedback Pin. Detect the channel 5 LED current.
17
CTL6
External Transistor Control Pin. Connect it to the base of external transistor to regulate
the channel 6 LED current.
18
FB6
LED Current Feedback Pin. Detect the channel 6 LED current.
19
CTL7
External Transistor Control Pin. Connect it to the base of external transistor to regulate
the channel 7 LED current.
20
FB7
LED Current Feedback Pin. Detect the channel 7 LED current.
21
CTL8
External Transistor Control Pin. Connect it to the base of external transistor to regulate
the channel 8 LED current.
22
FB8
LED Current Feedback Pin. Detect the channel 8 LED current.
23
FAULT
Fault Flag Output Pin. This pin is the open drain of internal N-MOSFET. FAULT is pulled
up to external DC level at normal mode. When fault protection is triggered, internal
MOSFET turns on and the FAULT pin is pulled to GND.
24
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this pin to
program the OVP threshold.
25
PGND
Step-up Converter Power Ground.
26
ISENSE
Current Sense Input. During normal operation, this pin detects the inductor current by a
sensing resistor for peak current mode control and over current protection. If this pin is
not used in extending application with other master MP3373, tie this pin to GND, do not
let this pin floating.
27
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external power N-MOS
device.
28
PSEN
Phase Shift Function Enable Pin. Leave this pin float, phase shift function is enabled. To
disable the phase shift function by pulling this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com