Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GF Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3378GF
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GF Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3378GF Datasheet HTML 15Page - Monolithic Power Systems MP3378GF Datasheet HTML 16Page - Monolithic Power Systems MP3378GF Datasheet HTML 17Page - Monolithic Power Systems MP3378GF Datasheet HTML 18Page - Monolithic Power Systems MP3378GF Datasheet HTML 19Page - Monolithic Power Systems MP3378GF Datasheet HTML 20Page - Monolithic Power Systems MP3378GF Datasheet HTML 21Page - Monolithic Power Systems MP3378GF Datasheet HTML 22Page - Monolithic Power Systems MP3378GF Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
19
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1
—The range of PWM dimming duty
fPWM(Hz)
Dmin
Dmax
100 < f
 200
0.30%
100%
200 < f
 500
0.75%
100%
500 < f
 1 k
1.50%
100%
1 k < f
 2 k
3.00%
100%
2 k < f
 5 k
7.50%
100%
5 k < f
 10 k
15.00%
100%
10 k < f
 20 k
30.00%
100%
2. Analog Dimming
For analog dimming, apply a PWM signal or a
DC voltage signal to ADIM. An internal RC filter
(10 M
Ω resistor and 100 pF capacitor) is
integrated into ADMIN. If a PWM signal is applied
to ADMIN, a >20 kHz frequency is recommended
to
achieve
improved
PWM
signal
filtering
performance and ensure the amplitude voltage is
higher than 1.5 V, and the low-level voltage is
less than 0.4 V. For DC signal input, please apply
a DC input signal range from 0.41 V to 1.49 V to
set linearly the LED current from minimum to full
scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com