Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3378GF
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3378GF Datasheet HTML 16Page - Monolithic Power Systems MP3378GF Datasheet HTML 17Page - Monolithic Power Systems MP3378GF Datasheet HTML 18Page - Monolithic Power Systems MP3378GF Datasheet HTML 19Page - Monolithic Power Systems MP3378GF Datasheet HTML 20Page - Monolithic Power Systems MP3378GF Datasheet HTML 21Page - Monolithic Power Systems MP3378GF Datasheet HTML 22Page - Monolithic Power Systems MP3378GF Datasheet HTML 23Page - Monolithic Power Systems MP3378GF Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP3378 Rev. 1.0
www.MonolithicPower.com
20
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Buck Converter Section:
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. Also, the feedback resistor (R1)
sets the feedback loop bandwidth with the
internal compensation capacitor. When R1 is
fixed, R2 is then given by Equation (10):
OUT2
R1
R2
V
1
0.8V
(10)
A T-type network is highly recommended (see
Figure 5).
FB
R1
R2
RT
12
VOUT2
Figure 5
—T-type network
Table 2 lists the recommended T-type resistor
values for a common 5 V output voltage.
Table 2
—Resistor selection for common 5 V
output voltage
VOUT2
(V)
R1
(kΩ)
R2
(kΩ)
RT
(kΩ)
L2
(µH)
Co
(µF)
5
40.2
7.5
51
10
66
Selecting the Inductor
A 4.7 µH to 10 µH inductor with a DC current
rating at least 25 percent higher than the
maximum load current is recommended for most
applications. For highest efficiency, the inductor
DC resistance should be less than 15
mΩ. For
most designs, the inductance value can be
derived from Equation (11):
OUT2
IN2
OUT2
IN2
L2
OSC
V
(V
V
)
L2
V
I
F

  
(11)
Where ΔI
L2 is the inductor ripple current.
Choose the inductor current to be approximately
30 percent of the maximum load current. The
maximum inductor peak current is calculated
using Equation (12):
L2
L2(MAX)
LOAD2
I
II
2

(12)
Under light-load conditions (below 100 mA), a
larger inductance is recommended for improved
efficiency.
Setting the AAM Voltage
The AAM voltage is used to set the transition
point from AAM to CCM. It should be chosen to
provide
the
best
combination
of
efficiency,
stability, ripple, and transient.
If the AAM voltage is set low, stability and ripple
improves, but efficiency during AAM mode and
transient degrades. Likewise, if the AAM voltage
is set high, then the efficiency during AAM and
transient
improves,
but
stability
and
ripple
degrade. Calculate the optimal balance point of
AAM voltage for good efficiency, stability, ripple,
and transient.
Adjust the AAM threshold by connecting a
resistor from AAM to ground. An internal 6.2 µA
current source charges the external resistor (see
Figure 6).
R5
75K
13
AAM
Figure 6
—AAM network
Generally, R5 is then given by Equation (13):
VAAM=R5 x 6.2µA
(13)
To optimize AAM, see Figure 7.
Figure 7
—AAM selection for common output
voltages (VIN2 = 4.5 V - 24 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com