Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3378GF
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3378GF Datasheet HTML 9Page - Monolithic Power Systems MP3378GF Datasheet HTML 10Page - Monolithic Power Systems MP3378GF Datasheet HTML 11Page - Monolithic Power Systems MP3378GF Datasheet HTML 12Page - Monolithic Power Systems MP3378GF Datasheet HTML 13Page - Monolithic Power Systems MP3378GF Datasheet HTML 14Page - Monolithic Power Systems MP3378GF Datasheet HTML 15Page - Monolithic Power Systems MP3378GF Datasheet HTML 16Page - Monolithic Power Systems MP3378GF Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
13
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
WLED CONTROLLER SECTION:
The WLED controller employs a programmable
constant frequency, peak-current
–mode, step-
up converter with 4 channel regulated current
sources to drive an array of up to 4 strings of
white LEDs.
Internal 6 V Regulator
When VIN1 is greater than 6.5 V, VCC1 outputs
a 6 V power supply to the external MOSFET
switch gate driver and the internal control
circuitry. The VCC1 voltage drops to 0 V when
the WLED controller shuts down.
System Start-Up
When enabled, the WLED controller checks the
topology connection first. The WLED controller
monitors the over-voltage protection (OVP) pin
to see if the Schottky diode is connected or if
the boost output is shorted to GND. An OVP
voltage of less than 57 mV disables the WLED
controller . Once all the protection tests pass,
the WLED controller starts boosting the step-up
converter with an internal soft-start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
PWM
dimming
signal
during
the
start-up
sequence to avoid large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmable by an external resistor on OSC.
300 kHz to 500 kHz is recommended as an
operating frequency. This optimizes efficiency
and the size of external components.
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET (In
normal operation, the minimum turn-on time is
200 ns.) A stabilizing ramp added to the output
of the current sense amplifier prevents sub-
harmonic oscillations for duty cycles greater
than 50 percent. This result is fed into the PWM
comparator. When this voltage reaches the
output voltage of the error amplifier (VCOMP) the
external MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter chooses automatically the lowest
active LEDX voltage to provide a bus voltage
high enough to power all the LED arrays.
If
the feedback voltage drops
below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, thus increasing the
power delivered to the output. This forms a
closed loop that regulates the output voltage.
Under light-load operation (especially in the
case of VOUT1 ≈ VIN1), the converter runs in
pulse-skipping mode where the MOSFET turns
on for a minimum on-time of approximately
200 ns, and then the converter discharges the
power to the output for the remaining period.
The external MOSFET remains off until the
output voltage needs to be boosted again.
Dimming Control
The MP3378 allows two dimming methods:
PWM and analog dimming mode.
For PWM dimming, apply a PWM signal to
PWM. The LED current is chopped by this
PWM signal, and the average LED current is
equal to ISET*DDIM; where DDIM is the duty cycle
of PWM dimming signal, and ISET is the LED
current amplitude.
For analog dimming, either a PWM signal or DC
signal can be applied to ADIM.
When a PWM signal is applied to ADIM, the
signal is filtered by the internal RC filter. The
LED current amplitude is equal to ISET * DDIM;
where DDIM is the duty cycle of the PWM
dimming signal, and ISET is the LED current
amplitude. A PWM signal of 20 kHz or higher is
recommended
to
achieve
better
filtering
performance. When a DC signal is applied to
ADIM, the voltage range (0.41 V to 1.49 V) sets
directly the LED current linearly from minimum
to full scale.
Open-String Protection
Open-string protection is achieved through the
OVP pin and LEDX pins (1 to 4). If one or more
strings are open, the respective LEDX pins are
pulled to ground, and the WLED controller
keeps charging the output voltage until it
reaches
the
over-voltage
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com