Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384L Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3384L Datasheet HTML 1Page - Monolithic Power Systems MP3384L Datasheet HTML 2Page - Monolithic Power Systems MP3384L Datasheet HTML 3Page - Monolithic Power Systems MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
2
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP3384LGQ
QFN16 (3mm × 3mm)
AFZ
* For Tape & Reel, add suffix –Z (e.g. MP3384LGQ–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
VIN ................................................−0.3V to +30V
VSW, VLED1 to VLED4...........................−1V to +50V
All Other Pins.................................−0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
………………………………………………....2.1W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature.............. −65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..........................+3V to +25V
Operating Junction Temp. (TJ).−40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN16 (3mm × 3mm) ..........60 ...... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-ambient
thermal resistance θJA, and the ambient temperature TA. The
maximum allowable continuous power dissipation at any
ambient temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA.
Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects
the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com