Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384L Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems MP3384L Datasheet HTML 10Page - Monolithic Power Systems MP3384L Datasheet HTML 11Page - Monolithic Power Systems MP3384L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP3384L Rev. 1.0
www.MonolithicPower.com
12
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN16 (3X3mm)
SIDE VIEW
TOP VIEW
1
16
13
12
9
85
4
BOTTOM VIEW
2.90
3.10
1.50
1.80
2.90
3.10
1.50
1.80
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
1.70
0.50
0.25
RECOMMENDED LAND PATTERN
2.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) DRAWING CONFORMS TO JEDEC MO-220, VARIATION VEED-4.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.20 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com