Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384L Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3384L
Description  50V, 4-String, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384L Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3384L Datasheet HTML 1Page - Monolithic Power Systems MP3384L Datasheet HTML 2Page - Monolithic Power Systems MP3384L Datasheet HTML 3Page - Monolithic Power Systems MP3384L Datasheet HTML 4Page - Monolithic Power Systems MP3384L Datasheet HTML 5Page - Monolithic Power Systems MP3384L Datasheet HTML 6Page - Monolithic Power Systems MP3384L Datasheet HTML 7Page - Monolithic Power Systems MP3384L Datasheet HTML 8Page - Monolithic Power Systems MP3384L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3384L – 50V, 4-STRING, WHITE LED DRIVER
MP3384L Rev. 1.0
www.MonolithicPower.com
4
12/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable Control Input. Do not float.
2
OSC
Switching Frequency Set. When floating or connected to VCC, the switching frequency is
1.25MHz. When connected to GND, the switching frequency is 625kHz.
3
ISET
LED Current Set. Tie a current-setting resistor from this pin to ground to program the
current in each LED string.
SET
LED
R
V
.
I
21
1
1000
4
GND
Analog Ground.
5
PWM
PWM Input. Controls the PWM-burst-mode dimming frequency and duty cycle.
6
LED1
LED String 1, Current Input. The open-drain output of an internal, dimming-control switch.
Connect the LED String 1 cathode to this pin. If not used, connect Vout to this pin.
7
LED2
LED String 2, Current Input. The open-drain output of an internal, dimming-control switch.
Connect the LED String 1 cathode to this pin. If not used, connect Vout to this pin.
8
LED3
LED String 3, Current Input. The open-drain output of an internal, dimming-control switch.
Connect the LED String 1 cathode to this pin. If not used, connect Vout to this pin.
9
LED4
LED String 4, Current Input. The open-drain output of an internal, dimming-control switch.
Connect the LED String 1 cathode to this pin. If not used, connect Vout to this pin.
10
OVP
Over-Voltage Protection. Connect to the tap of a resistor divider to program the OVP
threshold. Triggers OVP protection when VOVP reaches 1.23V.
11
NC
No Connection.
12
PGND
Power Ground.
13
SW
Power-Switch Output. Drain of the internal MOSFET. Connect the power inductor and
output rectifier to SW. VSW can swing between GND and 50V.
14
COMP
Compensation. Compensates the regulatory control loop. Connect a capacitor or a series
RC network from COMP to GND.
15
VCC
Internal, 5V, Linear-Regulator Output. Powers the internal MOSFET’s gate driver and the
internal-control circuitry. Bypass VCC to GND with a ceramic capacitor.
16
VIN
Supply Input. Powers the MP3384L chip. Apply a 3V-to-25V power source. Requires local
bypassing.
Exposed
Pad
Connect to PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com