Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398E Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3398E
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398E Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3398E Datasheet HTML 5Page - Monolithic Power Systems MP3398E Datasheet HTML 6Page - Monolithic Power Systems MP3398E Datasheet HTML 7Page - Monolithic Power Systems MP3398E Datasheet HTML 8Page - Monolithic Power Systems MP3398E Datasheet HTML 9Page - Monolithic Power Systems MP3398E Datasheet HTML 10Page - Monolithic Power Systems MP3398E Datasheet HTML 11Page - Monolithic Power Systems MP3398E Datasheet HTML 12Page - Monolithic Power Systems MP3398E Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
9
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP-16
Pin #
PDIP-16
Pin #
Name
Description
1
13
LED1
LED string 1 current input. LED1 is the open-drain output of an internal
dimming control switch. Connect the LED string 1 cathode to LED1.
2
14
LED2
LED string 2 current input. LED2 is the open-drain output of an internal
dimming control switch. Connect the LED string 2 cathode to LED2.
3
15
GND
Ground.
4
16
LED3
LED string 3 current input. LED3 is the open-drain output of an internal
dimming control switch. Connect the LED string 3 cathode to LED3.
5
1
LED4
LED string 4 current input. LED4 is the open-drain output of an internal
dimming control switch. Connect the LED string 4 cathode to LED4.
6
2
ISET
LED current set. Tie a current-setting resistor from ISET to ground to program
the current in each LED string.
7
3
OVP
Output over-voltage protection. Connect a resistor divider from output to
OVP to program the OVP threshold.
8
4
OSC
Switching frequency set. Connect a resistor between OSC and GND to set
the step-up converter switching frequency. The clock frequency is proportional
to the current source from OSC.
9
5
EN
Enable control input. A voltage greater than 1.5V turns the part on; a voltage
less than 0.6V turns the part off. Do not float EN.
10
6
ISENSE
Current sense input. During normal operation, ISENSE senses the voltage
across the external inductor current-sensing resistor (RSENSE) for peak-current-
mode control. ISENSE also limits the inductor current during every switching
cycle. For cascading applications, tie ISENSE of the slave IC to GND. Do not
float ISENSE.
11
7
GATE
Step-up converter power switch driver output. GATE drives the external
power N-channel MOSFET device.
12
8
VCC
The internal 5.9V linear regulator output. VCC provides the power supply for
the external MOSFET switch gate driver and the internal control circuitry.
Bypass VCC to GND with a ceramic capacitor.
13
9
VIN
Supply input. VIN must be bypassed locally.
14
10
ADIM
Input for analog brightness control. The LED current amplitude is
determined by the duty cycle of the PWM signal applied to ADIM. An internal
R-C filter (10M
Ω resistor and 100pF capacitor) is integrated into ADIM. A
frequency greater than 20kHz is recommended to achieve a better PWM signal
filtering performance and ensure that the high-level voltage of VADIM is above
1.5V and the low-level voltage is below 0.4V.
15
11
COMP
Step-up converter compensation. COMP compensates for the regulation
control loop. Connect a ceramic capacitor
or a resistor and capacitor from
COMP to GND.
16
12
PWM
Input signal for PWM brightness control. By applying a PWM signal on
PWM, the LED current is chopped, and the average current is equal to ISET x
DDIM, where ISET is the LED current value set by a resistor between ISET and
GND, and DDIM is the duty cycle of the PWM dimming duty cycle. Ensure that
the high level voltage is above 1.5V and the low-level voltage is below 0.4V. If
PWM is floating, weakly pull it to GND internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com