Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398E Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398E
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398E Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398E Datasheet HTML 1Page - Monolithic Power Systems MP3398E Datasheet HTML 2Page - Monolithic Power Systems MP3398E Datasheet HTML 3Page - Monolithic Power Systems MP3398E Datasheet HTML 4Page - Monolithic Power Systems MP3398E Datasheet HTML 5Page - Monolithic Power Systems MP3398E Datasheet HTML 6Page - Monolithic Power Systems MP3398E Datasheet HTML 7Page - Monolithic Power Systems MP3398E Datasheet HTML 8Page - Monolithic Power Systems MP3398E Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP3398E
4-String, Max 400mA/String, 80V Return,
Step-Up, WLED Controller
MP3398E Rev. 1.02
www.MonolithicPower.com
1
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3398E is a step-up controller with four
current channels designed to drive WLED
arrays
for
large
LCD
panel
backlighting
applications. The MP3398E is able to expand
the number of LED channels with two or more
ICs in parallel sharing a single power source.
The MP3398E employs peak-current mode with
a fixed switching frequency. The frequency is
programmable
through
an
external
setting
resistor. The MP3398E drives an external
MOSFET to boost up the output voltage from a
4.5V to 33V input supply and regulates the
current in each LED string to the value set by
an external current-setting resistor.
The MP3398E applies four internal current
sources for current balancing. The current
matching achieves 2.3% regulation accuracy
between strings. The low regulation voltage on
the LED current sources reduces power loss.
The MP3398E supports direct PWM dimming
and analog dimming with PWM input. Full
protection
features
include
over-current
protection (OCP), over-temperature protection
(OTP), under-voltage protection (UVP), over-
voltage
protection
(OVP),
LED
short/open
protection, and inductor/diode short protection.
The MP3398E is available in TSSOP-16EP and
PDIP-16 packages.
FEATURES
 4-String, Max 400mA/String WLED Driver
 4.5V to 33V Input Voltage Range
 80V ABS Rating for Each String
 2.3% Current Matching Accuracy between
Each String
 Direct PWM Dimming Mode
 Analog Dimming Mode with PWM Input
 Cascading Capability with a Single Power
Source
 LED Open and Short Protection
 Programmable Recoverable Over-Voltage
Protection (OVP)
 202mV Latch-Off Cycle-by-Cycle Current
Limit Threshold
 Latch-Off
Over-Temperature
Protection
(OTP)
 Short Inductor/Diode Protection
 Available in TSSOP-16EP and PDIP-16
Packages
APPLICATIONS
 Desktop LCD Flat Panel Displays
 All-in-One PCs
 2D/3D LCD TVs
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3398E

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398EGF MPS-MP3398EGF Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
MP3398EGP MPS-MP3398EGP Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
More results

Similar Description - MP3398E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
logo
Monolithic Power System...
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
MP4658 MPS-MP4658 Datasheet
818Kb / 19P
4-String, Max 200mA/Channel, 80V Return LED Driver with AC/DC Feedback
Rev. 1.0 10/13/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com