Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398E Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3398E
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398E Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3398E Datasheet HTML 8Page - Monolithic Power Systems MP3398E Datasheet HTML 9Page - Monolithic Power Systems MP3398E Datasheet HTML 10Page - Monolithic Power Systems MP3398E Datasheet HTML 11Page - Monolithic Power Systems MP3398E Datasheet HTML 12Page - Monolithic Power Systems MP3398E Datasheet HTML 13Page - Monolithic Power Systems MP3398E Datasheet HTML 14Page - Monolithic Power Systems MP3398E Datasheet HTML 15Page - Monolithic Power Systems MP3398E Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
12
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Open-String Protection
Open-string protection is achieved through
detecting the voltage of OVP and LED (1 to 4).
If one or more strings are open, the respective
LEDX pins are pulled to ground, and the IC
continues charging the output voltage until it
reaches the over-voltage protection (OVP)
threshold. If the OVP point has been triggered,
the chip stops switching and marks off the
strings that have an LEDX pin voltage lower
than 200mV. Once marked, the remaining LED
strings force the output voltage back into tight
regulation. The string with the largest voltage
drop determines the output regulation.
The MP3398E always attempts to light at least
one string. If all strings are open, the MP3398E
shuts down the step-up converter. The strings
remain in this marked state until the chip resets.
Short-String Protection
The MP3398E monitors the LEDX pin voltages
to determine if a short-string fault has occurred.
If
one or
more strings are shorted,
the
respective LEDX pins tolerate high-voltage
stress. If an LEDX pin voltage is higher than the
protection threshold, this condition triggers the
detection of a short-string fault. When a short-
string fault remains for 10ms, the fault string is
marked off and disabled. Once a string is
marked off, it disconnects from the output
voltage loop until VIN or EN restarts.
To prevent mistriggering a short LED protection
when the LED string is open, the short LED
protection function is disabled when VLEDX of all
used LED channels is higher than 2.1V.
Cycle-by-Cycle Current Limit
To prevent the external components from
exceeding their current stress ratings, the IC
employs cycle-by-cycle current-limit protection.
When the current exceeds the current limit
value, the IC latches off until the power resets.
Short Inductor/Diode Protection
When the external inductor or diode is shorted,
the IC provides protection by detecting the
current flowing through the power MOSFET.
When the current sense voltage across the
sense resistor (connected between ISENSE
and GND) reaches the current protection
threshold and lasts for eight switching cycles,
the IC stops switching and latches.
Thermal Shutdown
To prevent the IC from operating at exceedingly
high
temperatures,
thermal
shutdown
is
implemented by monitoring the silicon die
temperature.
When
the
die
temperature
exceeds the threshold (TST), the IC latches off
until the power resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com