Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3398EGF
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3398EGF Datasheet HTML 2Page - Monolithic Power Systems MP3398EGF Datasheet HTML 3Page - Monolithic Power Systems MP3398EGF Datasheet HTML 4Page - Monolithic Power Systems MP3398EGF Datasheet HTML 5Page - Monolithic Power Systems MP3398EGF Datasheet HTML 6Page - Monolithic Power Systems MP3398EGF Datasheet HTML 7Page - Monolithic Power Systems MP3398EGF Datasheet HTML 8Page - Monolithic Power Systems MP3398EGF Datasheet HTML 9Page - Monolithic Power Systems MP3398EGF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
6
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Protection
OVP threshold
VOVP_OV
1.9
2.0
2.1
V
OVP UVLO threshold
VOVP_UV
Step-up converter fails
55
mV
LEDX UVLO threshold
VLEDX_UV
200
mV
LEDX over-voltage threshold
VLEDX_OV
7.2
8
8.8
V
Thermal protection threshold
TST
130
°C
NOTE :
5)
Matching is defined as the difference between the maximum to minimum current divided by 2 times the average current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com