Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGF Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3398EGF
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGF Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3398EGF Datasheet HTML 9Page - Monolithic Power Systems MP3398EGF Datasheet HTML 10Page - Monolithic Power Systems MP3398EGF Datasheet HTML 11Page - Monolithic Power Systems MP3398EGF Datasheet HTML 12Page - Monolithic Power Systems MP3398EGF Datasheet HTML 13Page - Monolithic Power Systems MP3398EGF Datasheet HTML 14Page - Monolithic Power Systems MP3398EGF Datasheet HTML 15Page - Monolithic Power Systems MP3398EGF Datasheet HTML 16Page - Monolithic Power Systems MP3398EGF Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
13
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The
switching
frequency
of
the
step-up
converter is recommended to be between
100kHz and 900kHz for most applications. A
resistor on OSC sets the internal oscillator
frequency for the step-up converter according
to Equation (1):
SW
OSC
38200
F
(kHz)
R
( k
Ω )
(1)
For ROSC = 100kΩ, the switching frequency is
set to 382kHz.
Setting the LED Current
The current in each LED string can be set
through the current setting resistor on ISET and
can be calculated with Equation (2):
ISET
20362
ILED(mA)
R
( k
Ω )
(2)
For RISET = 100.8kΩ, the LED current is set to
202mA. Do not leave ISET open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent the high-frequency switching current
from passing through to the input. Ceramic
capacitors with X5R or X7R dielectrics are
recommended for their low ESR and small
temperature coefficients. For most applications,
use a 4.7μF ceramic capacitor in parallel with a
220µF electrolytic capacitor.
Selecting the Inductor and Current-Sensing
Resistor
A larger value inductor results in less ripple
current and lower peak inductor current, which
reduces stress on the N-channel MOSFET.
However, the larger value inductor has a larger
physical size, a higher series resistance, and a
lower saturation current. Choose an inductor
that will not saturate under the worst-case load
conditions. Select the minimum inductor value
to ensure that the boost converter works in
continuous
conduction
mode
with
high
efficiency and good EMI performance.
Calculate the required inductance value using
Equation (3) and Equation (4):
2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
 

(3)
IN
OUT
V
D1
V

(4)
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, an
d η is the efficiency.
The switching current is used for peak-current-
mode control. To avoid reaching the current
limit, the voltage across the sensing resistor
(RSENSE) must be less than 80% of the current
limit voltage (VSENSE) in the worst-case scenario.
Calculate RSENSE and IL(PEAK) with Equation (5)
and Equation (6):
SENSE
L(PEAK)
0.8 VSENSE
R
I
(5)
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
V
I
V
(V
V )
I
ηV
2 L F
V

 
(6)
Selecting the Power MOSFET
The MP3398E is capable of driving a wide
variety of N-channel power MOSFETS. The
critical parameters of selection for a MOSFET
are maximum drain-to-source voltage (VDS(MAX)),
maximum
current
(ID(MAX)),
on
resistance
(RDS(ON)), gate source charge (QGS) and gate
drain charge (QGD), and total gate charge (QG).
Ideally,
the
off-state
voltage
across
the
MOSFET is equal to the output voltage.
Considering the voltage spike when it turns off,
VDS(MAX) should be greater than 1.5 times the
output voltage.
The maximum current through the power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given
using Equation (7) and Equation (8):
RMS(MAX)
IN(MAX)
MAX
I
I
D

(7)
OUT
IN(MIN)
MAX
OUT
VV
D
V
(8)
The current rating of the MOSFET should be
greater than 1.5 x IRMS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com