Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398EGF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3398EGF
Description  4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398EGF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3398EGF Datasheet HTML 7Page - Monolithic Power Systems MP3398EGF Datasheet HTML 8Page - Monolithic Power Systems MP3398EGF Datasheet HTML 9Page - Monolithic Power Systems MP3398EGF Datasheet HTML 10Page - Monolithic Power Systems MP3398EGF Datasheet HTML 11Page - Monolithic Power Systems MP3398EGF Datasheet HTML 12Page - Monolithic Power Systems MP3398EGF Datasheet HTML 13Page - Monolithic Power Systems MP3398EGF Datasheet HTML 14Page - Monolithic Power Systems MP3398EGF Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP3398E
– 4-STRING, 80V, STEP-UP, WLED CONTROLLER
MP3398E Rev. 1.02
www.MonolithicPower.com
11
7/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3398E is a programmable constant
frequency,
peak-current
mode,
step-up
converter with 4-channel regulated current
sources to drive an array of up to four strings of
white LEDs.
Internal 5.9V Regulator
The MP3398E
includes
an internal linear
regulator (VCC). When VIN is greater than 6.5V,
this regulator outputs a 5.9V power supply to
the external MOSFET switch gate driver and
the internal control circuitry. The VCC voltage
drops to 0V when the chip shuts down. The
MP3398E
features
under-voltage
lockout
(UVLO).
The
chip
is
disabled
until
VCC
exceeds the UVLO threshold. The UVLO
hysteresis is approximately 350mV.
System Start-Up
When enabled, the MP3398E checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to determine
if the Schottky diode is connected or if the boost
output is shorted to GND. An OVP voltage
higher than 55mV allows the chip to switch
normally; otherwise, switching is disabled. The
MP3398E also checks other safety limits,
including UVLO, over-temperature protection
(OTP), and over-current protection (OCP) after
passing the OVP test. If all protection tests pass,
the chip then begins boosting the step-up
converter with an internal soft start.
It is recommended that the enable signal occur
after the establishment of the input voltage and
PWM
dimming
signal
during
the
start-up
sequence to prevent a large inrush current.
Step-Up Converter
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET.
During normal operation, the minimum turn-on
time is around 150ns. A stabilizing ramp added
to the output of the current sense amplifier
prevents
subharmonic
oscillations
for
duty
cycles greater than 50%. This result is fed into
the PWM comparator. When the summed
voltage reaches the output voltage of the error
amplifier (VCOMP), the external MOSFET turns
off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter chooses the lowest active LEDX
pin voltage automatically to provide a high
enough bus voltage to power all of the LED
arrays.
If
the feedback voltage drops
below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, increasing the power
delivered to the output and forming a closed
loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in pulse-
skipping mode. In this mode, the MOSFET
turns on for a minimum on time, and then the
converter discharges the power to the output for
the remaining period. The external MOSFET
remains off until the output voltage needs to be
boosted again.
Dimming Control
The MP3398E provides two dimming methods:
PWM and analog dimming mode.
For PWM dimming, apply a PWM signal to
PWM. The LED current is chopped by this
PWM signal, and the average LED current is
equal to ISET x DDIM, where DDIM is the duty
cycle of the PWM dimming signal, and ISET is
the LED current amplitude.
For analog dimming, apply a PWM signal to
ADIM. An internal R-C filter (10M
Ω resistor and
100pF capacitor) is integrated to ADIM. This
PWM signal is filtered to the DC voltage by the
internal R-C filter. The LED current amplitude is
equal to ISET x DDIM, where DDIM is the duty
cycle of the PWM dimming signal, and ISET is
the LED current amplitude. A PWM signal
20kHz or higher is recommended for better
filtering.
Operation Switching Frequency
The
converter
operating
frequency
is
set
through an external resistor on OSC. This helps
optimize
both
the
size
of
the
external
components and the system efficiency
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com