Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5083 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5083
Description  5.5V, 2A Low RDSON Load Switch with Current Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5083 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5083 Datasheet HTML 1Page - Monolithic Power Systems MP5083 Datasheet HTML 2Page - Monolithic Power Systems MP5083 Datasheet HTML 3Page - Monolithic Power Systems MP5083 Datasheet HTML 4Page - Monolithic Power Systems MP5083 Datasheet HTML 5Page - Monolithic Power Systems MP5083 Datasheet HTML 6Page - Monolithic Power Systems MP5083 Datasheet HTML 7Page - Monolithic Power Systems MP5083 Datasheet HTML 8Page - Monolithic Power Systems MP5083 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP5083
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5083 Rev. 1.1
www.MonolithicPower.com
5
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN-12
(2mmx2mm)
Pin #
Name Description
1
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
2
GND
Ground.
3
VCC
Supply Voltage to the Control Circuitry.
4
IMON
Output Current Monitor. Provides a voltage proportional to the current flowing through
the power device. Place a resistor to ground to set the gain.
5
SS
Soft Start Pin. An external capacitor connected to this pin sets the slew rate of the
output voltage soft start period.
6, 11,
Exposed pad
VIN
Input Power Supply.
9
VOUT Output to the Load.
12
PG
Power Good Pin. Push-Pull output.
7,8,10
NC
NC Pin, Suggest connecting them with VOUT to improve the thermal performance and
be compatible with MP5087 and MP5077.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com