Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5083 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5083
Description  5.5V, 2A Low RDSON Load Switch with Current Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5083 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5083 Datasheet HTML 6Page - Monolithic Power Systems MP5083 Datasheet HTML 7Page - Monolithic Power Systems MP5083 Datasheet HTML 8Page - Monolithic Power Systems MP5083 Datasheet HTML 9Page - Monolithic Power Systems MP5083 Datasheet HTML 10Page - Monolithic Power Systems MP5083 Datasheet HTML 11Page - Monolithic Power Systems MP5083 Datasheet HTML 12Page - Monolithic Power Systems MP5083 Datasheet HTML 13Page - Monolithic Power Systems MP5083 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP5083
– 5.5V, 2A LOW RDSON LOAD SWITCH WITH CURRENT MONITORING
MP5083 Rev. 1.1
www.MonolithicPower.com
12
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
IMON Resistor Selection
The current limit value can be set by IMON
resistor. The current limit can be gotten by
equation (1).
The current limit threshold is suggested to 10%
~ 20% higher than maximum load current. For
example, if the system’s full load is 2A, set the
current limit to 2.2A.
IMON Capacitor Selection
The internal advanced auto-zero comparator
bring a high accuracy of current monitor. The
auto-zero will also cause some little jitter on
IMON pin. To get a more stable IMON, a small
ceramic capacitor can be mounted between
IMON and ground. Suggested place an IMON
capacitor less than 1nF.
Soft Start Capacitor Selection
There is an internal 11µA constant current
source charge SS cap and ramps up the
voltage on the SS pin. The output voltage rises
follow the 5 times the slew rate of SS voltage.
If the inrush on output current reached the
current limit during start up (like with large
output cap or very large load), MP5083 will limit
the output current and the same time, SS time
will be increased (Fig 2 and Fig 3).
Component Selection
Soft Start @ Different Load
VOUT
Soft Start @ No Load
Soft Start @ Half Load
IIN
VOUT
IIN
VOUT
IIN
Soft Start @ Very large Load
Current Limit
Current Limit
Current Limit
Figure 2: Soft Start Periods at different load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com