Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5083 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5083
Description  5.5V, 2A Low RDSON Load Switch with Current Monitoring
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5083 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5083 Datasheet HTML 1Page - Monolithic Power Systems MP5083 Datasheet HTML 2Page - Monolithic Power Systems MP5083 Datasheet HTML 3Page - Monolithic Power Systems MP5083 Datasheet HTML 4Page - Monolithic Power Systems MP5083 Datasheet HTML 5Page - Monolithic Power Systems MP5083 Datasheet HTML 6Page - Monolithic Power Systems MP5083 Datasheet HTML 7Page - Monolithic Power Systems MP5083 Datasheet HTML 8Page - Monolithic Power Systems MP5083 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP5083
5.5V, 2A Low RDSON Load Switch
with Current Monitoring
MP5083 Rev. 1.1
www.MonolithicPower.com
1
7/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP5083 is a load switch, designed to
provide 2A load protection covering 0.5V to
5.5V voltage range. With low RDSON in tiny
package, the MP5083 provides very high
efficiency
and
space-saving
solution
for
notebook,
tablet
and
other
portable
applications.
The MP5083 is equipped with the very accurate
current monitoring function. The gain of the
current monitor can be scaled for different
applications. With the soft start function, the
MP5083 can avoid inrush current during circuit
start-up. The MP5083 also provides other
features, like power good, output discharge
function, and fast short-circuit response time.
This device comes in a tiny 2x2mm QFN12
package.
FEATURES
 Output Current Monitoring Accuracy as
High as 3%
 Wide V
IN Range: from 0.5V to 5.5V
 <1µA Shutdown Current
 Integrated 50mΩ Low R
DSON FET
 Typical 2A Load Current Range
 Push-pull PG Indicator
 Adjustable Start Up Slew Rate
 Output discharge function
 <200ns Short-Circuitry Response Protection
 Thermal Protection
 Small 2mmx2mm QFN Package
APPLICATIONS
 Notebook and Tablet Computers
 Portable Devices
 Solid State Drivers
 Handheld Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5083

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP508 MCC-MP508 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP508 LRC-MP508 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
MP508 MCC-MP508 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
MP508 RECTRON-MP508 Datasheet
568Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
More results

Similar Description - MP5083

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
2A Load Switch with Reverse Current Blocking
logo
Monolithic Power System...
MPQ5073 MPS-MPQ5073 Datasheet
1Mb / 13P
5.5V, 2A Low RDSON Load Switch with Programmable Current Limit AEC-Q100 Qualified
MP5073 MPS-MP5073 Datasheet
972Kb / 16P
5.5V, 2A Low RDSON Load Switch With Programmable Current Limit
MP5077 MPS-MP5077 Datasheet
441Kb / 14P
5.5V, 7A, Low RDSON Load Switch With Programmable Current Limit
MP5086 MPS-MP5086 Datasheet
808Kb / 14P
5.5V, 7A, Low RDSON Load Switch with Current Monitoring and NTC Comparator
MP5087 MPS-MP5087 Datasheet
975Kb / 15P
5.5V, 7A Low RDSON Load Switch with Current Monitoring
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
MP5092 MPS-MP5092 Datasheet
425Kb / 15P
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
logo
Semtech Corporation
SC33001A SEMTECH-SC33001A Datasheet
457Kb / 14P
3A Low VIN Ultra-Low Rdson Load Switch
logo
Diodes Incorporated
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com