Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC/21AU Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC/21AU Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RSP-24DC/21AU Datasheet HTML 1Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 2Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 3Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 4Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 5Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
contact 13 on the load side, the continuous plug-in
bridges, which can be cut to length as desired, or the 2-
position jumper plugs guarantee quick, economical and
fault-free wiring, whilst providing utmost clarity. This
makes complicated, time-consuming loop bridges a
thing of the past!
A2
13+
14
A1
The PLC-O.. optical coupler series, that can be used
universally, consisting of pluggable miniature optical
couplers and the same 6.2 mm base terminal blocks as
in the PDT series, has now been included with spring
cage connections in the range. The wiring, diagonally
from above, is particularly convenient during assembly.
The cost-intensive wiring is reduced yet again when the
plug-in bridges are implemented. A side-effect is a cut
in the likelihood of faulty wiring and time-consuming
trouble-shooting.
The standard PLC-OSP series can be implemented
either as an input or output interface, thus simplifying
ordering, and saving costs for warehousing and service.
Since the unit is already completely equipped, there is
no additional work involved with inserting the optical
coupler. To allow even more flexibility, all individual
components (base terminal block, optical coupler or
relay) can also be ordered separately and combined
individually.
Input voltages of 24 V to 230 V
PLC-OSP... on the control side is, like the proven
screw clamp versions, available in all conventional
industrial voltages from 24 V to 230 V. A further
advantage is the ready-integrated input circuit. It
consists of a status display and polarity reversal
protection function, and guarantees that the operational
status is displayed clearly, also preventing destruction
of the optical electronics should the polarity be
accidentally reversed.
Efficient miniature optical couplers
Despite its small dimensions, the PLC miniature
optical coupler is unusually efficient, has the typical
sturdiness of optical couplers and is the instrument of
choice especially with high operating frequencies:
– Switching capacity of up to 24 V DC/2 A, depending
on the type,
– IP 67-protected fully encapsulated optical electronics,
–2. kVrms electrical insulation between input/output,
– Input or power optical couplers can be supplied as
alternatives,
– Wear-resistant switching,
– Insensitive to vibration and shock.
The optical coupler is securely anchored by an
engagement lever. In the unlikely event of the optical
coupler needing to be repaired, it can be disengaged,
and – without disconnecting the wiring – replaced
quickly and economically.
Plug-in bridges save wiring
A big plus for cunning wiring professionals is the
convenient plug-in bridge system FBST. Whether there
is an A1/A2 ground on the control side, or supply at
PHOENIX CONTACT page 3 of 14
Universal PLC Interface with Optical Coupler
– now also with spring cage connection system!
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
8
“…6”
(IEC)
rigid
flexible
I
U
[mm2]
solid
stranded
AWG
[A] [V]
Connection data
0.2-2.5
0.2-1.5
24-14
*
*
* The electrical data are determined by the relay.
80
6,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com