Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RSP-24DC/21AU Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # PLC-RSP-24DC/21AU
Description  Universal PLC Interface with PDT Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RSP-24DC/21AU Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button PLC-RSP-24DC/21AU Datasheet HTML 6Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 7Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 8Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 9Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 10Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 11Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 12Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 13Page - PHOENIX CONTACT PLC-RSP-24DC/21AU Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
13+
14
A2
BB
A1
– Integrated input circuit,
– Input or power optical coupler can be supplied,
– IP67-protected fully encapsulated optical electronics,
– Insensitive to vibration and shock,
– User-specific marking
– Inflammability class V0 in acc. with UL94.
In interface applications between the PLC and
sensors, such as proximity switches, limit switches, or
auxiliary contacts, often only an N/O function is
required. Here, people turn directly to the PLC-
OSP...SEN input interface, specially optimized for these
applications and consisting of a 6.2 mm base terminal
block and pluggable miniature optical coupler. In
addition to the proven screw clamp connection version,
the sensor interface is now available with spring cage
connections. The wiring , diagonally from above, is
particularly convenient during assembly.
No need for input terminal blocks
Unlike previous input optical couplers, all the sensor
connections, including the voltage supply for sensors/
switches (!), are connected directly to the PLC sensor
interface. PLC-OSP...SEN can thus be used directly as
a terminal strip with integrated interface function for the
incoming sensor cables, without the need for additional
modular terminal blocks. (See also structural diagram in
catalog part 6, page 30.)
Assessment of savings:
– Elimination of the costs of two (three) modular
terminal blocks for sensor/switch supply, signal and
sensor ground (in the case of three-conductor
initiators).
– Space savings of approx. 80 %,
– Time saving approx. 60 %,
– Reduction in wiring thanks to plug-in bridges
Optimum use of plug-in bridges.
The sensor interface attains the maximum degree of
efficiency with the convenient FBST plug-in bridge
system. PLC-OSP...SEN makes effective use of the
bridging facilities for the sensor/switch voltage supply,
for the supply and sensor ground at the A2 connection,
and for the common supply potential of the PLC at
connection 13. Especially effective here are the 500 mm
long color-insulated continuous bridges that can easily
be cut to the required length and inserted in the bridge
shafts in a flash. No stripping, no pressing on of
ferrules, no connecting. This makes complicated, time-
consuming loop bridges a thing of the past!
Assessment of savings:
– Reduction in wiring by eliminating the need for
modular terminal blocks and using all bridging
facilities: approx. 60 %.
Further advantages:
PLC-OSP...SEN naturally offers the same benefits as
all other PLC series with optical coupler:
– Switching capacity of up to 24 V DC/2 A, depending
on the type,
– Wear-resistant switching,
PHOENIX CONTACT page 11 of 14
PLC Sensor Interface with Optical Coupler
– now also with spring cage connection system!
Headquarters: © Phoenix Contact GmbH & Co. KG • Flachsmarktstraße 8-28 • 32825 Blomberg • Germany
Phone +49-(0) 52 35-3-00 • Fax +49-(0) 52 35-3-4 12 00 • http://www.phoenixcontact.com
8
“…6”
(IEC)
rigid
flexible
I
U
[mm2]
solid
stranded
AWG
[A] [V]
Connection data
0.2-2.5
0.2-1.5
24-14
*
*
* The electrical data are determined by the relay.
80
6,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com